Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5012 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5012
Description  12-Bit, 100Msps ECL DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5012 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5012 Datasheet HTML 1Page - Maxim Integrated Products MAX5012 Datasheet HTML 2Page - Maxim Integrated Products MAX5012 Datasheet HTML 3Page - Maxim Integrated Products MAX5012 Datasheet HTML 4Page - Maxim Integrated Products MAX5012 Datasheet HTML 5Page - Maxim Integrated Products MAX5012 Datasheet HTML 6Page - Maxim Integrated Products MAX5012 Datasheet HTML 7Page - Maxim Integrated Products MAX5012 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12-Bit, 100Msps ECL DAC
4
_______________________________________________________________________________________
NAME
FUNCTION
1–10
D2–D11
Digital Input Bits 2–11
PIN
13
Analog Return
Analog Return Ground
12, 21
Digital VEE
Digital Negative Supply (-5.2V)
11
D12 (LSB)
Digital Input Bit 12 (LSB)
______________________________________________________________Pin Description
14
IOUT
Analog Current Output
15, 25
Analog VEE
Analog Negative Supply (-5.2V)
16
I
_
OUT
Complementary Analog Current Output
17
Ref In
Voltage Reference Input
20
Ref Out
Internal Voltage Reference Output. Ref Out is normally connected to Control Amp In.
19
Control Amp In
Internal Control Amplifier Input. Control Amp In is normally connected to Ref Out (if not con-
nected to external reference).
18
Control Amp Out
Internal Control Amplifier Output. Control Amp Out is normally connected to Ref In.
26
Latch Enable
Latch Control Line
24
RSET*
Connection for External Resistance Reference. RSET is used with the internal amplifier
(nominally 7.5k
Ω).
23
N.C.
No Connection. Not internally connected.
22
Ref GND
Ground Return for Internal Voltage Reference and Amplifier
28
D1 (MSB)
Digital Input Bit 1 (MSB)
27
DGND
Digital Ground Return
*
Full-Scale Current Out = 128 (Control Amp In/RSET)
Figure 1. Timing Diagram


Similar Part No. - MAX5012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5013 MAXIM-MAX5013 Datasheet
96Kb / 8P
   12-Bit, 100Msps TTL DAC
Rev 0a; 8/97
MAX5013AEPI MAXIM-MAX5013AEPI Datasheet
96Kb / 8P
   12-Bit, 100Msps TTL DAC
Rev 0a; 8/97
MAX5013AEQI MAXIM-MAX5013AEQI Datasheet
96Kb / 8P
   12-Bit, 100Msps TTL DAC
Rev 0a; 8/97
More results

Similar Description - MAX5012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5013 MAXIM-MAX5013 Datasheet
96Kb / 8P
   12-Bit, 100Msps TTL DAC
Rev 0a; 8/97
logo
Analog Devices
AD9712 AD-AD9712 Datasheet
2Mb / 8P
   12-BIT, 100MSPS D/A CONVERTERS
REV. A
logo
Intersil Corporation
HI5731 INTERSIL-HI5731_04 Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIPZ INTERSIL-HI5731BIPZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
October 2, 2015
logo
Renesas Technology Corp
HI5731 RENESAS-HI5731 Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Analog Devices
AD7568 AD-AD7568_15 Datasheet
354Kb / 14P
   Octal 12-Bit DAC
REV. C
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
   Dual 12-Bit DAC
REV. A
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com