Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5237B Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5237B
Description  Zener Diode Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5237B Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5237B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 7Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 8Page - Cystech Electonics Corp. ZD5237B Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C326N3
Issued Date : 2003.04.14
Revised Date : 2014.05.07
Page No. : 2/15
ZD52XXBN3 series
CYStek Product Specification
Electrical Characteristic(Cont.)
ZD5245B
8V
8.5
15
±5%
600
16
0.1
11
ZD5246B
8W
7.8
16
±5%
600
17
0.1
12
ZD5247B
8X
7.4
17
±5%
600
19
0.1
13
ZD5248B
8Y
7.0
18
±5%
600
21
0.1
14
ZD5249B
8Z
6.6
19
±5%
600
23
0.1
14
ZD5250B
81A
6.2
20
±5%
600
25
0.1
15
ZD5251B
81B
5.6
22
±5%
600
29
0.1
17
ZD5252B
81C
5.2
24
±5%
600
33
0.1
18
ZD5253B
81D
5.0
25
±5%
600
35
0.1
19
ZD5254B
81E
4.6
27
±5%
600
41
0.1
21
ZD5255B
81F
4.5
28
±5%
600
44
0.1
21
ZD5256B
81G
4.2
30
±5%
600
49
0.1
23
ZD5257B
81H
3.8
33
±5%
700
58
0.1
25
ZD5258B
81J
3.4
36
±5%
700
70
0.1
27
Characteristic Curves
ZD5221B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
100
Forward Voltage (mV)
ZD5221B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
Reverse Voltage (mV)
ZD5222B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
Forward Voltage (mV)
ZD5222B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
Reverse Voltage (mV)


Similar Part No. - ZD5237B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5237B CYSTEKEC-ZD5237B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5237B CYSTEKEC-ZD5237B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5237B CYSTEKEC-ZD5237B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5237B CYSTEKEC-ZD5237B Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5237B CYSTEKEC-ZD5237B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5237B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com