Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5239A Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # ZD5239A
Description  Zener Diode Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5239A Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  ZD5239A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 7Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 8Page - Cystech Electonics Corp. ZD5239A Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C326N3
Issued Date : 2003.04.14
Revised Date : 2013.08.05
Page No. : 5/14
ZD52XXAN3 series
CYStek Product Specification
ZD5237A Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
Forward Voltage (mV)
ZD5235B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5235B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
2000
3000
4000
5000
6000
7000
Reverse Voltage (mV)
ZD5234B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
2000
3000
4000
5000
6000
7000
Reverse Voltage (mV)
ZD5233B Forward Current vs Forward Voltage
ZD5233B Reverse Current vs Reverse Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Volta
0
20
40
60
80
100
2000
3000
4000
5000
6000
7000
Reverse Volta
ge (mV)
ge (mV)
ZD5233A Forward Current vs Forward Voltage
ZD5233A Reverse Current vs Reverse Voltage
ZD5234A Forward Current vs Forward Voltage
ZD5234A Reverse Current vs Reverse Voltage
ZD5235A Forward Current vs Forward Voltage
ZD5235A Reverse Current vs Reverse Voltage


Similar Part No. - ZD5239A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5239A CYSTEKEC-ZD5239A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5239A CYSTEKEC-ZD5239A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5239A CYSTEKEC-ZD5239A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5239A CYSTEKEC-ZD5239A Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5239A CYSTEKEC-ZD5239A Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
More results

Similar Description - ZD5239A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com