Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5243A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # ZD5243A
Description  200mW SOD-323 Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5243A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  ZD5243A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5243A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5243A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5243A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5243A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5243A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2015.06.04
Page No. : 3/6
ZD5221AS2 series
CYStek Product Specification
Device
Marking
Code
Zener voltage(Note 2)
Maximum Zener
impedance
Maximum
Reverse Leakage
Current
VZ(volts)
@IZT
ZZT@
IZT
ZZK@IZK
IR@VR
min
nom
max
mA
Ω
Ω
mA
μA
V
ZD5221A
C1
2.35
2.4
2.45
20
30
1200
0.25
100
1.0
ZD5223A
C3
2.65
2.7
2.75
20
30
1300
0.25
75
1.0
ZD5225A
C5
2.94
3.0
3.06
20
30
1600
0.25
50
1.0
ZD5226A
G1
3.23
3.3
3.37
20
28
1600
0.25
25
1.0
ZD5227A
G2
3.53
3.6
3.67
20
24
1700
0.25
15
1.0
ZD5228A
G3
3.82
3.9
3.98
20
23
1900
0.25
10
1.0
ZD5229A
G4
4.21
4.3
4.39
20
22
2000
0.25
5
1.0
ZD5230A
G5
4.61
4.7
4.79
20
19
1900
0.25
5
2.0
ZD5231A
E1
5.00
5.1
5.20
20
17
1600
0.25
5
2.0
ZD5232A
E2
5.49
5.6
5.71
20
11
1600
0.25
5
3.0
ZD5233A
E3
5.88
6.0
6.12
20
7
1600
0.25
5
3.5
ZD5234A
E4
6.08
6.2
6.32
20
7
1000
0.25
5
4.0
ZD5235A
E5
6.66
6.8
6.94
20
5
750
0.25
3
5.0
ZD5236A
F1
7.35
7.5
7.65
20
6
500
0.25
3
6.0
ZD5237A
F2
8.04
8.2
8.36
20
8
500
0.25
3
6.5
ZD5238A
F3
8.53
8.7
8.87
20
8
600
0.25
3
6.5
ZD5239A
F4
8.92
9.1
9.28
20
10
600
0.25
3
7.0
ZD5240A
F5
9.80
10
10.20
20
17
600
0.25
3
8.0
ZD5241A
H1
10.78
11
11.22
20
22
600
0.25
2
8.4
ZD5242A
H2
11.76
12
12.24
20
30
600
0.25
1
9.1
ZD5243A
H3
12.74
13
13.26
9.5
13
600
0.25
0.5
9.9
ZD5245A
H5
14.70
15
15.30
8.5
16
600
0.25
0.1
11
ZD5246A
J1
15.68
16
16.32
7.8
17
600
0.25
0.1
12
ZD5248A
J3
17.64
18
18.36
7.0
21
600
0.25
0.1
14
ZD5250A
J5
19.60
20
20.40
6.2
25
600
0.25
0.1
15
ZD5251A
K1
21.56
22
22.44
5.6
29
600
0.25
0.1
17
ZD5252A
K2
23.52
24
24.48
5.2
33
600
0.25
0.1
18
ZD5254A
K4
26.46
27
27.54
5.0
41
600
0.25
0.1
21
ZD5255A
K5
27.44
28
28.56
4.5
44
600
0.25
0.1
21
ZD5256A
M1
29.40
30
30.60
4.2
49
600
0.25
0.1
23
ZD5257A
M2
32.34
33
33.66
3.8
58
700
0.25
0.1
25
ZD5258A
M3
35.28
36
36.72
3.4
70
700
0.25
0.1
27
ZD5259A
M4
38.22
39
39.78
3.2
80
800
0.25
0.1
30
Note 2: Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25℃.


Similar Part No. - ZD5243A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5243A CYSTEKEC-ZD5243A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5243A CYSTEKEC-ZD5243A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5243A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com