Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5237A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5237A
Description  Zener Diode Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5237A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5237A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 7Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 8Page - Cystech Electonics Corp. ZD5237A Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C326N3
Issued Date : 2003.04.14
Revised Date : 2013.08.05
Page No. : 1/14
ZD52XXAN3 series
CYStek Product Specification
Zener Diode Series
ZD52XXAN3
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
TA=25
°C, Derate above 25°C
PD
225
1.8
mW
mW/
°C
Total Device Dissipation
Alumina Substrate**TA=25
°C, Derate above 25°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
Tj, Tstg
-55 to +150
°C
*FR-5 - 1.0
×0.75×0.062 in. **Alumina - 0.4×0.3×0.024 in. 99.5% alumina.
Electrical Characteristic (VF=0.9V Max @IF=10mA for all types.)
Nom. Zener Voltage
Max. Zener Impedance
Max. Zener
Current
Max. Reverse
Leakage Current
VZ@IZT (V)
ZZT
IZT
ZZK
IZK
IZM@Ta
IR
VR
Device
Marking
Code
Nom.
Min
Max
(Ω)
(mA)
(Ω)
(mA)
(mA)
(μA)
(V)
ZD5221A
18A
2.4
2.35
2.45
30
20
1200
0.25
188
100
1.0
ZD5223A
18C
2.7
2.65
2.75
30
20
1300
0.25
167
75
1.0
ZD5225A
18E
3.0
2.94
3.06
30
20
1600
0.25
150
50
1.0
ZD5226A
8A
3.3
3.23
3.37
28
20
1600
0.25
138
25
1.0
ZD5227A
8B
3.6
3.53
3.67
24
20
1700
0.25
126
15
1.0
ZD5228A
8C
3.9
3.82
3.98
23
20
1900
0.25
115
10
1.0
ZD5229A
8D
4.3
4.21
4.39
22
20
2000
0.25
106
5.0
1.0
ZD5230A
8E
4.7
4.61
4.79
19
20
1900
0.25
97
5.0
2.0
ZD5231A
8F
5.1
5.00
5.20
17
20
1600
0.25
89
5.0
2.0
ZD5232A
8G
5.6
5.49
5.71
11
20
1600
0.25
81
5.0
3.0
ZD5233A
8H
6.0
5.88
6.12
7.0
20
1600
0.25
76
5.0
3.5
ZD5234A
8J
6.2
6.08
6.32
7.0
20
1000
0.25
73
5.0
4.0
ZD5235A
8K
6.8
6.66
6.94
5.0
20
750
0.25
67
3.0
5.0
ZD5236A
8L
7.5
7.35
7.65
6.0
20
500
0.25
61
3.0
6.0
ZD5237A
8M
8.2
8.04
8.36
8.0
20
500
0.25
55
3.0
6.5
ZD5238A
8N
8.7
8.53
8.87
8.0
20
600
0.25
55
3.0
6.5
ZD5239A
8P
9.1
8.92
9.28
10
20
600
0.25
50
3.0
7.0
ZD5240A
KF5
10
9.80 10.20
17
20
600
0.25
45
3.0
8.0
ZD5241A
8R
11
10.78 11.22
22
20
600
0.25
41
2.0
8.4
ZD5242A
8S
12
11.76 12.24
30
20
600
0.25
38
1.0
9.1
ZD5243A
8T
13
12.74 13.26
13
9.5
600
0.25
35
0.5
9.9
ZD5245A
8V
15
14.70 15.30
16
8.5
600
0.25
30
0.1
11
ZD5246A
8W
16
15.68 16.32
17
7.8
600
0.25
28
0.1
12
SOT-23


Similar Part No. - ZD5237A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5237A CYSTEKEC-ZD5237A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5237A CYSTEKEC-ZD5237A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5237A CYSTEKEC-ZD5237A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5237A CYSTEKEC-ZD5237A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5237A CYSTEKEC-ZD5237A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5237A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com