Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX496CSE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX496CSE
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496CSE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX496CSE Datasheet HTML 4Page - Maxim Integrated Products MAX496CSE Datasheet HTML 5Page - Maxim Integrated Products MAX496CSE Datasheet HTML 6Page - Maxim Integrated Products MAX496CSE Datasheet HTML 7Page - Maxim Integrated Products MAX496CSE Datasheet HTML 8Page - Maxim Integrated Products MAX496CSE Datasheet HTML 9Page - Maxim Integrated Products MAX496CSE Datasheet HTML 10Page - Maxim Integrated Products MAX496CSE Datasheet HTML 11Page - Maxim Integrated Products MAX496CSE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Power Dissipation
The maximum output current of the MAX496/MAX497 is
limited by the packages maximum allowable power dis-
sipation. The maximum junction temperature should not
exceed +150°C. The power dissipation increases with
load, and this increase can be approximated by the fol-
lowing:
For VOUT > 0V:
|VCC - VOUT| ILOAD
OR
For VOUT < 0V:
|VEE - VOUT| ILOAD.
These devices can drive 100
Ω loads connected to
each of the outputs over the entire rated output swing
and temperature range. When driving 50
Ω loads with
each of the four outputs simultaneously, the output
swing must be limited to ±1.25V at TA = +70°C. While
the output is short-circuit protected to 170mA, this does
not necessarily guarantee that, under all conditions, the
maximum junction temperature will not be exceeded.
Do not exceed the derating values given in the
absolute maximum ratings.
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
_______________________________________________________________________________________
9
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
75
75
75
75
Ω CABLE
75
75
150
SOURCE:
TEKTRONIX
1910 DIGITAL GENERATOR
MEASUREMENT:
TEKTRONIX VM700
VIDEO MEASUREMENT
SET
MAX497
MAX496
DUT
DUT
a)
b)
Figure 2. Differential Phase and Gain Error Test Circuits: a) MAX497, Gain of +2 Amplifier; b) MAX496 Unity-Gain Amplifier
MAX496/MAX497
75
OUT1
OUT2
OUT3
OUT4
75
IN0
75
75
75
75
75
75
75
Figure 3. One-to-Four Distribution Amplifier


Similar Part No. - MAX496CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4960 MAXIM-MAX4960 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960ELB++ MAXIM-MAX4960ELB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960EUB++ MAXIM-MAX4960EUB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4968 MAXIM-MAX4968 Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968A MAXIM-MAX4968A Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
More results

Similar Description - MAX496CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
   Quad, Closed-Loop Monolithic Buffer
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
   Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com