Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX492CSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX492CSA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492CSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX492CSA Datasheet HTML 6Page - Maxim Integrated Products MAX492CSA Datasheet HTML 7Page - Maxim Integrated Products MAX492CSA Datasheet HTML 8Page - Maxim Integrated Products MAX492CSA Datasheet HTML 9Page - Maxim Integrated Products MAX492CSA Datasheet HTML 10Page - Maxim Integrated Products MAX492CSA Datasheet HTML 11Page - Maxim Integrated Products MAX492CSA Datasheet HTML 12Page - Maxim Integrated Products MAX492CSA Datasheet HTML 13Page - Maxim Integrated Products MAX492CSA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
10
______________________________________________________________________________________
MAX495
10k
1
5
NULL
VEE
4
NULL
Figure 2. Offset Null Circuit
__________Applications Information
The dual MAX492, quad MAX494, and single MAX495
op amps combine excellent DC accuracy with rail-to-
rail operation at both input and output. With their preci-
sion performance, wide dynamic range at low supply
voltages, and very low supply current, these op amps
are ideal for battery-operated equipment and other low-
voltage applications.
Rail-to-Rail Inputs and Outputs
The MAX492/MAX494/MAX495’s input common-mode
range extends 0.25V beyond the positive and negative
supply rails, with excellent common-mode rejection.
Beyond the specified common-mode range, the out-
puts are guaranteed not to undergo phase reversal or
latchup. Therefore, the MAX492/MAX494/MAX495 can
be used in applications with common-mode signals at
or even beyond the supplies, without the problems
associated with typical op amps.
The MAX492/MAX494/MAX495’s output voltage swings
to within 50mV of the supplies with a 100k
Ω load. This
rail-to-rail swing at the input and output substantially
increases the dynamic range, especially in low supply-
voltage applications. Figure 1 shows the input and out-
put waveforms for the MAX492, configured as a
unity-gain noninverting buffer operating from a single
+3V supply. The input signal is 3.0Vp-p, 1kHz sinusoid
centered at +1.5V. The output amplitude is approxi-
mately 2.95Vp-p.
Input Offset Voltage
Rail-to-rail common-mode swing at the input is obtained
by two complementary input stages in parallel, which
feed a folded cascaded stage. The PNP stage is active
for input voltages close to the negative rail, and the
NPN stage is active for input voltages close to the posi-
tive rail.
The offsets of the two pairs are trimmed; however, there
is some small residual mismatch between them. This
mismatch results in a two-level input offset characteris-
tic, with a transition region between the levels occurring
at a common-mode voltage of approximately 1.3V.
Unlike other rail-to-rail op amps, the transition region
has been widened to approximately 600mV in order to
minimize the slight degradation in CMRR caused by
this mismatch.
To adjust the MAX495’s input offset voltage (500µV max
at +25°C), connect a 10k
Ω trim potentiometer between
the two NULL pins (pins 1 and 5), with the wiper con-
nected to VEE (pin 4) (Figure 2). The trim range of this
circuit is ±6mV. External offset adjustment is not avail-
able for the dual MAX492 or quad MAX494.
The input bias currents of the MAX492/MAX494/MAX495
are typically less than 50nA. The bias current flows into
the device when the NPN input stage is active, and it
flows out when the PNP input stage is active. To reduce
the offset error caused by input bias current flowing
through external source resistances, match the effec-
tive resistance seen at each input. Connect resistor R3
between the noninverting input and ground when using
VIN
VOUT
Figure 1. Rail-to-Rail Input and Output (Voltage Follower
Circuit, VCC = +3V, VEE = 0V)


Similar Part No. - MAX492CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4923 MAXIM-MAX4923 Datasheet
202Kb / 7P
   Overvoltage Protectors with External pFET
Rev 0; 4/07
More results

Similar Description - MAX492CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com