Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5226A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5226A
Description  200mW SOD-323 Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5226A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5226A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5226A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5226A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5226A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5226A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5226A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2015.06.04
Page No. : 1/6
ZD5221AS2 series
CYStek Product Specification
200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 thru ZD5259AS2
Description
The ZD52XXAS2 series zener diodes are packaged in a SOD-323 surface mount package that has a power
dissipation of 200mW. They are designed to provide voltage regulation protection and are especially attractive in
situations where space is at a premium. They are well suited for applications such as cellular phones, hand held
portables, and high density PC boards.
Features
 VZ tolerance : ±2%
 Standard zener breakdown voltage range : 2.4V to 39V
 Steady state power rating of 200mW..
 Small body outline dimensions
 Low body height : 0.035 inches (0.9mm) max.
Mechanical Data
 Case : SOD-323 , molded plastic
 Terminals : Solderable per MIL-STD-750 method 2026
 Polarity : Cathode indicated by polarity band.
 Flammability rating : UL94 V-0
 Package weight : approx. 4.507 mg/unit
 Mounting position : Any
Ordering Information
Device
Package
Shipping
ZD52XXAS2-0-T1-G
SOD-323
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - ZD5226A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5226A CYSTEKEC-ZD5226A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5226A CYSTEKEC-ZD5226A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226A CYSTEKEC-ZD5226A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226A CYSTEKEC-ZD5226A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226A CYSTEKEC-ZD5226A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5226A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com