Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX479CPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX479CPD
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX479CPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX479CPD Datasheet HTML 1Page - Maxim Integrated Products MAX479CPD Datasheet HTML 2Page - Maxim Integrated Products MAX479CPD Datasheet HTML 3Page - Maxim Integrated Products MAX479CPD Datasheet HTML 4Page - Maxim Integrated Products MAX479CPD Datasheet HTML 5Page - Maxim Integrated Products MAX479CPD Datasheet HTML 6Page - Maxim Integrated Products MAX479CPD Datasheet HTML 7Page - Maxim Integrated Products MAX479CPD Datasheet HTML 8Page - Maxim Integrated Products MAX479CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS: 3V
(VS = 3V, 0V, VCM = 0.1V, VO = 0.8V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MAX478AC
MAX479AC
MIN
TYP
MAX
MAX478C/E
MAX479C/E
MIN
TYP
MAX
UNITS
MAX479CS/ES
Input Offset Current
IOS
90
270
0.05
0.05
nA
Input Bias Current
IB
33
nA
Common-Mode
Rejection Ratio
CMRR
VCM = 0V to 1.7V
93
103
90
102
dB
Input Offset Voltage
VOS
MAX478ACP/CP/EP
30
90
40
140
µV
MAX479ACP/CP/EP
35
120
40
170
Power-Supply
Rejection Ratio
PSRR
VS = 2.2V to 12V
94
104
92
104
dB
Large-Signal
Voltage Gain
AVOL
100
600
100
600
V/mV
MAX478CS/ES
80
200
VO = 0.03V to 1.5V, RL = 50kΩ
30
180
30
180
Output Voltage Swing
VOUT
Output low, no load
6
9
6
9
mV
Output low, 2k
Ω to GND
0.2
0.6
0.2
0.6
Output high, no load
2.2
2.4
2.2
2.4
V
Output high, 2k
Ω to GND
1.8
2.0
1.8
2.0
Supply Current per Amplifier
IS
12
17
13
20
µA
Input Noise Voltage
eN
0.1Hz to 10Hz
1.0
1.0
µVp-p
Input Voltage Range
VIN (CM)
Upper limit
1.7
1.9
1.7
1.9
V
Lower limit
0
-0.3
Gain-Bandwidth Product
GBW
fO ≤ 5kHz
50
50
kHz
Minimum Supply Voltage
VS
2.2
2.2
V
VO = 0.03V to 2V, no load
(Note 1)
0
-0.3
With 300µV VOS degradation
1.7
1.7


Similar Part No. - MAX479CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4790 MAXIM-MAX4790 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT MAXIM-MAX4790ETT Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4790EUS MAXIM-MAX4790EUS Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
More results

Similar Description - MAX479CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com