Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S642 Datasheet(PDF) 4 Page - Solid State Optronic

Part # S642
Description  High transient immunity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S642 Datasheet(HTML) 4 Page - Solid State Optronic

  S642_15 Datasheet HTML 1Page - Solid State Optronic S642_15 Datasheet HTML 2Page - Solid State Optronic S642_15 Datasheet HTML 3Page - Solid State Optronic S642_15 Datasheet HTML 4Page - Solid State Optronic S642_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S642
1 Form A
Solid State Relay
MECHANICAL DIMENSIONS
16 PIN DUAL IN-LINE PACKAGE
16 PIN SURFACE MOUNT DEVICE
END VIEW
END VIEW
TOP VIEW
TOP VIEW
www.ssousa.com • +1.408.293.4600
Page 4 of 5
S642
rev 1.41 (10/23/2007)
© 2007 Solid State Optronics • San José, CA


Similar Part No. - S642_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S642-X SSOUSA-S642-X Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
logo
Heyco.
S6420 HEYCO-S6420 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
S6420 HEYCO-S6420 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
logo
Satco Products, Inc.
S6421 SATCO-S6421 Datasheet
123Kb / 1P
   57 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24q-5 (4-Pin) base
More results

Similar Description - S642_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Analog Devices
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com