Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4821 Datasheet HTML 1Page - Maxim Integrated Products MAX4821 Datasheet HTML 2Page - Maxim Integrated Products MAX4821 Datasheet HTML 3Page - Maxim Integrated Products MAX4821 Datasheet HTML 4Page - Maxim Integrated Products MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
+3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCOM = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
5
10
15
20
25
0
2.3
5.5
ALL LOGIC INPUTS = 0
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5
10
15
20
25
0
-40
85
VCC = 5V
VCC = 5.5V
VCC = 2.3V
VCC = 3.3V
SUPPLY CURRENT
vs. INPUT LOGIC VOLTAGE
INPUT LOGIC VOLTAGE (V)
4
3
2
1
100
200
300
400
500
600
700
800
900
1000
0
05
VCC = 3.3V
VCC = 5V
ALL LOGIC INPUTS
CONNECTED
ON-RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
0.5
1.0
1.5
2.0
2.5
3.0
0
2.3
5.5
IOUT_SINK = 70mA
ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85
VCC = 3.3V
VCC = 2.3V
VCC = 5.5V
VCC = 5V
IOUT_SINK = 70mA
POWER-ON RESET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
-40
85
OUTPUT OFF-LEAKAGE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.1
3.5
2.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2.3
5.5
OUTPUT OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
-40
85
VCC = 5.5V
VCC = 5V
VCC = 2.3V
VCC = 3.3V
OUT_ TURN-ON/TURN-OFF DELAY TIMES
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
30
40
50
60
70
80
20
2.3
5.5
RL = 50
CL = 50pF
tON
tOFF


Similar Part No. - MAX4821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4821 MAXIM-MAX4821 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4821 MAXIM-MAX4821 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4821ETP MAXIM-MAX4821ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4821ETP++ MAXIM-MAX4821ETP+ Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4821EUP MAXIM-MAX4821EUP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Linear Technology
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4822 MAXIM-MAX4822 Datasheet
710Kb / 19P
   3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com