Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4743 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4743
Description  0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4743 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4743 Datasheet HTML 3Page - Maxim Integrated Products MAX4743 Datasheet HTML 4Page - Maxim Integrated Products MAX4743 Datasheet HTML 5Page - Maxim Integrated Products MAX4743 Datasheet HTML 6Page - Maxim Integrated Products MAX4743 Datasheet HTML 7Page - Maxim Integrated Products MAX4743 Datasheet HTML 8Page - Maxim Integrated Products MAX4743 Datasheet HTML 9Page - Maxim Integrated Products MAX4743 Datasheet HTML 10Page - Maxim Integrated Products MAX4743 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX4741/MAX4742/MAX4743 are low 0.8
Ω max
(at V+ = +3V) on-resistance, low-voltage, dual analog
switches that operate from a +1.6V to +3.6V single sup-
ply. CMOS switch construction allows switching analog
signals that are within the supply voltage range (GND
to V+).
When powered from a +3V supply, the 0.8
Ω max RON
allows high continuous currents to be switched in a
variety of applications.
Applications Information
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, followed by NO_, NC_, or
COM_.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
propagation from the V+ supply to other components.
A 0.1µF capacitor, connected from V+ to GND, is ade-
quate for most applications.
Logic Inputs
The MAX4741/MAX4742/MAX4743 logic inputs can be
driven up to +3.6V regardless of the supply voltage.
For example, with a +1.8V supply, IN_ may be driven
low to GND and high to +3.6V. Driving IN_ rail-to-rail
minimizes power consumption.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see Typical Operating Characteristics). The
switches are bidirectional, so the NO_, NC_, and COM_
pins can be used as either inputs or outputs.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Reduce stray
inductance and capacitance by keeping traces short
and wide. Ensure that bypass capacitors are as close
to the device as possible. Use large ground planes
where possible.
0.8
Ω, Low-Voltage, Single-Supply Dual SPST
Analog Switches
_______________________________________________________________________________________
7
Pin Description
PIN
MAX4741
MAX4742
MAX4743
µMAX
SOT23-8
µMAX
SOT23-8
µMAX
SOT23-8
NAME
FUNCTION
18
——
1
8
NO1
Analog Switch 1 Normally Open
——
18
——
NC1
Analog Switch 1 Normally Closed
2
7
2
7
2
7
COM1
Analog Switch 1 Common
3
6
3
6
3
6
IN2
Logic Control Input Switch 2
4
5
4
5
4
5
GND
Ground
53
——
NO2
Analog Switch 2 Normally Open
——
5
3
5
3
NC2
Analog Switch 2 Normally Closed
6
4
6
4
6
4
COM2
Analog Switch 2 Common
7
1
7
1
7
1
IN1
Logic Control Input Switch 1
8
2
8
2
8
2
V+
Positive Supply Voltage


Similar Part No. - MAX4743

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4743 MAXIM-MAX4743 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4743EKA MAXIM-MAX4743EKA Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4743EUA MAXIM-MAX4743EUA Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
More results

Similar Description - MAX4743

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com