Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF8G27LS-140V Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF8G27LS-140V
Description  Power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF8G27LS-140V Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF8G27LS-140V_15 Datasheet HTML 1Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 2Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 3Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 4Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 5Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 6Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 7Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 8Page - NXP Semiconductors BLF8G27LS-140V_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLF8G27LS-140V
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 May 2015
2 of 12
NXP Semiconductors
BLF8G27LS-140V
Power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
[1]
Continuous use at maximum temperature will affect MTTF.
5.
Recommended operating conditions
6.
Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain
2gate
3source
[1]
4,5
video decoupling
6n.c.
7n.c.
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLF8G27LS-140V
-
earless flanged LDMOST ceramic package; 6 leads
SOT1120B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
200
C
Tcase
case temperature
[1] -
150
C
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tcase
case temperature
40
-
+125
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 C; PL = 55 W
0.27
K/W


Similar Part No. - BLF8G27LS-140V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF8G27LS-140V NXP-BLF8G27LS-140V Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF8G27LS-140V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com