Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5225ASH Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5225ASH
Description  Ultra small surface mount package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5225ASH Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5225ASH Datasheet HTML 1Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 2Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 3Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 4Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 5Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 6Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date : 2014.05.16
Page No. : 1/7
ZD5221ASH thru ZD5267ASH
CYStek Product Specification
500mW Zener Diode Series
ZD5221ASH thru ZD5267ASH
Description
The ZD5221ASH thru ZD5267ASH series covers zener voltage range from 2.4V to 75V, and is
encapsulated in SOD-123 package, very suitable for low cost, low power voltage regulation application.
Features
• VZ tolerance : ±2%
• Ultra small surface mount package
• General purpose, medium current
• Planar die construction
• Pb-free lead plating and halogen-free package
Symbol
Outline
SOD-123
Ordering Information
Device
Package
Shipping
ZD52XXASH-0-T1-G
SOD-123
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - ZD5225ASH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
More results

Similar Description - ZD5225ASH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
236Kb / 7P
   Ultra-Small Surface Mount Package
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
   Ultra-Small Leadless Surface Mount Package
Rev. 18 - 2
logo
Leshan Radio Company
LBAS116LT1G LRC-LBAS116LT1G Datasheet
77Kb / 3P
   Surface Mount Low Leakge Diode Ultra-Small Surface Mount Package
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
Diodes Incorporated
DMN33D8LT DIODES-DMN33D8LT Datasheet
256Kb / 5P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com