Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5238B Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5238B
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5238B Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5238B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5238B Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2005.07.27
Revised Date :2014.12.26
Page No. : 2/7
ZD52XXBSH series
CYStek Product Specification
Absolute Maximum Ratings(Tj=25℃, unless otherwise specified)
• Maximum Temperatures
Operating and Storage Temperature Range Tj,Tstg............................................................. -65~+150
°C
• Maximum Forward Voltage @ IF=10mA ………………………………………………………........0.9V
• Maximum Power Dissipation
Total Power Dissipation @TL=75
°C
Ptot (Note 1) ……………………………………………500 mW
• Thermal Resistance, Junction to Ambient Air RθJL (Note 1)……………………………….…….150℃/W
• Maximum Z-current………………………………………………………………………….. Ptot/VZ mA
• ESD susceptibility (Note 2)………………………………………………………………………… 30KV
Note : 1. Parts mounted on FR-5 board with area of 3.5inch × 1.5inch.
2.
Human body model.
Electrical Characteristic (Ta=25℃, unless otherwise noted)
Nom. Zener Voltage
Max. Zener Impedance
VZ@IZT
ZZT@ IZT
ZZK@ IZK
Max. Zener
Current
Max. Reverse
Leakage Current
Nom.
Min. Max. IZT
ZZT
IZT
ZZK
IZK
IZM@Ta
IR
VR
Device
Type
Code
(V)
(V)
(V) (mA) (Ω) (mA) (Ω)
(mA)
(mA)
(μA)
(V)
ZD5221B
C1
2.4
2.28
2.52
20
30
20
1200
0.25
188
100
1.0
ZD5223B
C3
2.7
2.57
2.84
20
30
20
1300
0.25
167
75
1.0
ZD5225B
C5
3.0
2.85
3.15
20
30
20
1600
0.25
150
50
1.0
ZD5226B
G1
3.3
3.14
3.47
20
28
20
1600
0.25
138
25
1.0
ZD5227B
G2
3.6
3.42
3.78
20
24
20
1700
0.25
126
15
1.0
ZD5228B
G3
3.9
3.71
4.10
20
23
20
1900
0.25
115
10
1.0
ZD5229B
G4
4.3
4.09
4.52
20
22
20
2000
0.25
106
5.0
1.0
ZD5230B
G5
4.7
4.47
4.94
20
19
20
1900
0.25
97
5.0
2.0
ZD5231B
E1
5.1
4.85
5.36
20
17
20
1600
0.25
89
5.0
2.0
ZD5232B
E2
5.6
5.32
5.88
20
11
20
1600
0.25
81
5.0
3.0
ZD5233B
E3
6.0
5.70
6.30
20
7.0
20
1600
0.25
76
5.0
3.5
ZD5234B
E4
6.2
5.89
6.51
20
7.0
20
1000
0.25
73
5.0
4.0
ZD5235B
E5
6.8
6.46
7.14
20
5.0
20
750
0.25
67
3.0
5.0
ZD5236B
F1
7.5
7.13
7.88
20
6.0
20
500
0.25
61
3.0
6.0
ZD5237B
F2
8.2
7.79
8.61
20
8.0
20
500
0.25
55
3.0
6.5
ZD5238B
F3
8.7
8.27
9.14
20
8.0
20
600
0.25
55
3.0
6.5
ZD5239B
F4
9.1
8.65
9.56
20
10
20
600
0.25
50
3.0
7.0
ZD5240B
F5
10
9.5
10.5
20
17
20
600
0.25
45
3.0
8.0
ZD5241B
H1
11
10.45 11.55 20
22
20
600
0.25
41
2.0
8.4
ZD5242B
H2
12
11.4
12.6
20
30
20
600
0.25
38
1.0
9.1
ZD5243B
H3
13
12.35 13.65 9.5
13
9.5
600
0.25
35
0.5
9.9
ZD5245B
H5
15
14.25 15.75 8.5
16
8.5
600
0.25
30
0.1
11
ZD5246B
J1
16
15.2
16.8
7.8
17
7.8
600
0.25
28
0.1
12
ZD5248B
J3
18
17.1
18.9
7.0
21
7.0
600
0.25
25
0.1
14
ZD5250B
J5
20
19
21
6.2
25
6.2
600
0.25
23
0.1
15
ZD5251B
K1
22
20.9
23.1
5.6
29
5.6
600
0.25
21
0.1
17


Similar Part No. - ZD5238B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5238B CYSTEKEC-ZD5238B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5238B CYSTEKEC-ZD5238B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5238B CYSTEKEC-ZD5238B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5238B CYSTEKEC-ZD5238B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5238B CYSTEKEC-ZD5238B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5238B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com