Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4700EWE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4700EWE
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4700EWE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4700EWE Datasheet HTML 1Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 2Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4700EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1.25
, Dual SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
RL = 50Ω, CL = 5pF, f = 1MHz,
Figure 6
VCOM_ = 10V, Figure 3, TA = +25°C
VCOM_ = 10V,
Figure 2
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Crosstalk (Note 8)
VCT
-65
dB
Break-Before-Make Time
(Note 3)
tOPEN
5
125
ns
Turn-Off Time (Note 3)
tOFF
100
250
ns
Turn-On Time (Note 3)
tON
225
400
ns
VCOM_ = 10V,
Figure 2
f = 1MHz, Figure 8
On-Capacitance
CCOM
275
pF
f = 1MHz, Figure 7
COM Off-Capacitance
CONDITIONS
CCOM
175
f = 1MHz, Figure 7
NC_ or NO_ Capacitance
COFF
175
pF
pF
0
0.5
1.0
1.5
2.0
2.5
-20
-12 -8
-16
-4
0
4
8
12 16 20
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
V+, V- = ±5V
V+, V- = ±15V
V+, V- = ±20V
0.4
0.6
0.7
0.5
0.8
1.0
0.9
1.1
1.2
-15
-9
-6
-12
-3
0369
12 15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
V+, V- = ±15V
TA = +25°C
TA = -40°C
0
1
2
3
4
5
04
6
2
8 10 12 14 16
20
24
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
18
22
V+ = +5V
V- = GND
V+ = +24V
V+ = +12V
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
CL = 1.0nF, VGEN = 0, RGEN = 0,
Figure 4
Charge Injection
Q
-60
pC
SWITCH DYNAMIC CHARACTERISTICS
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
500
350


Similar Part No. - MAX4700EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX470 MAXIM-MAX470 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4701 MAXIM-MAX4701 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4701EGE MAXIM-MAX4701EGE Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4701ETE MAXIM-MAX4701ETE Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4701ETE++ MAXIM-MAX4701ETE+ Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
More results

Similar Description - MAX4700EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com