Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5223B Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5223B
Description  Zener Diode Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5223B Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5223B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 7Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 8Page - Cystech Electonics Corp. ZD5223B Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C326N3
Issued Date : 2003.04.14
Revised Date : 2014.05.07
Page No. : 1/15
ZD52XXBN3 series
CYStek Product Specification
Zener Diode Series
ZD52XXBN3
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
TA=25
°C, Derate above 25°C
PD
225
1.8
mW
mW/
°C
Total Device Dissipation
Alumina Substrate**TA=25
°C, Derate above 25°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
Tj, Tstg
-55 to +150
°C
*FR-5 - 1.0
×0.75×0.062 in. **Alumina - 0.4×0.3×0.024 in. 99.5% alumina.
Electrical Characteristic (VF=0.9V Max @IF=10mA for all types.)
Test
Current
Zener
Voltage
ZZK
IZ=0.25mA
ZZT
IZ=IZT
Max. Reverse
Current
Device
Marking
Code
IZT(mA)
VZ(V)
(
Ω,Max)
(
Ω,Max)
IR(uA)
@VR(V)
ZD5221B
18A
20
2.4
±5%
1200
30
100
1.0
ZD5222B
18B
20
2.5
±5%
1250
30
100
1.0
ZD5223B
18C
20
2.7
±5%
1300
30
75
1.0
ZD5225B
18E
20
3.0
±5%
1600
29
50
1.0
ZD5226B
8A
20
3.3
±5%
1600
28
25
1.0
ZD5227B
8B
20
3.6
±5%
1700
24
15
1.0
ZD5228B
8C
20
3.9
±5%
1900
23
10
1.0
ZD5229B
8D
20
4.3
±5%
2000
22
5.0
1.0
ZD5230B
8E
20
4.7
±5%
1900
19
5.0
2.0
ZD5231B
8F
20
5.1
±5%
1600
17
5.0
2.0
ZD5232B
8G
20
5.6
±5%
1600
11
5.0
3.0
ZD5233B
8H
20
6.0
±5%
1600
7.0
5.0
3.5
ZD5234B
8J
20
6.2
±5%
1000
7.0
5.0
4.0
ZD5235B
8K
20
6.8
±5%
750
5.0
3.0
5.0
ZD5236B
8L
20
7.5
±5%
500
6.0
3.0
6.0
ZD5237B
8M
20
8.2
±5%
500
8.0
3.0
6.5
ZD5238B
8N
20
8.7
±5%
600
8.0
3.0
6.5
ZD5239B
8P
20
9.1
±5%
600
10
3.0
7.0
ZD5240B
KF5
20
10
±5%
600
17
3.0
8.0
ZD5241B
8R
20
11
±5%
600
22
2.0
8.4
ZD5242B
8S
20
12
±5%
600
30
1.0
9.1
ZD5243B
8T
9.5
13
±5%
600
13
0.5
9.9
ZD5244B
8U
9.0
14
±5%
600
15
0.1
10
SOT-23


Similar Part No. - ZD5223B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5223B CYSTEKEC-ZD5223B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5223B CYSTEKEC-ZD5223B Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5223B CYSTEKEC-ZD5223B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5223B CYSTEKEC-ZD5223B Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223B CYSTEKEC-ZD5223B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5223B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com