Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5227A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5227A
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5227A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5227A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date : 2014.05.16
Page No. : 2/7
ZD5221ASH thru ZD5267ASH
CYStek Product Specification
Absolute Maximum Ratings(Tj=25℃, unless otherwise specified)
• Maximum Temperatures
Operating and Storage Temperature Range Tj,Tstg............................................................. -65~+150
°C
• Maximum Forward Voltage @ IF=10mA ………………………………………………………........0.9V
• Maximum Power Dissipation
Total Power Dissipation @TL=75
°C
Ptot (Note 1) ……………………………………………500 mW
• Thermal Resistance, Junction to Ambient Air RθJL (Note 1)……………………………….…….150℃/W
• Maximum Z-current………………………………………………………………………….. Ptot/VZ mA
Note : 1. Parts mounted on FR-5 board with area of 3.5inch × 1.5inch.
Electrical Characteristic (Ta=25℃, unless otherwise noted)
Nom. Zener Voltage
Max. Zener Impedance
Max. Zener
Current
Max. Reverse
Leakage Current
VZ@IZT (V)
ZZT
IZT
ZZK
IZK
IZM@Ta
IR
VR
Device
Type
Code
Nom.
Min.
Max.
(Ω) (mA)
(Ω)
(mA)
(mA)
(μA)
(V)
ZD5221A
C1
2.4
2.35
2.45
30
20
1200
0.25
188
100
1.0
ZD5223A
C3
2.7
2.65
2.75
30
20
1300
0.25
167
75
1.0
ZD5225A
C5
3.0
2.94
3.06
30
20
1600
0.25
150
50
1.0
ZD5226A
G1
3.3
3.23
3.37
28
20
1600
0.25
138
25
1.0
ZD5227A
G2
3.6
3.53
3.67
24
20
1700
0.25
126
15
1.0
ZD5228A
G3
3.9
3.82
3.98
23
20
1900
0.25
115
10
1.0
ZD5229A
G4
4.3
4.21
4.39
22
20
2000
0.25
106
5.0
1.0
ZD5230A
G5
4.7
4.61
4.79
19
20
1900
0.25
97
5.0
2.0
ZD5231A
E1
5.1
5.00
5.20
17
20
1600
0.25
89
5.0
2.0
ZD5232A
E2
5.6
5.49
5.71
11
20
1600
0.25
81
5.0
3.0
ZD5233A
E3
6.0
5.88
6.12
7.0
20
1600
0.25
76
5.0
3.5
ZD5234A
E4
6.2
6.08
6.32
7.0
20
1000
0.25
73
5.0
4.0
ZD5235A
E5
6.8
6.66
6.94
5.0
20
750
0.25
67
3.0
5.0
ZD5236A
F1
7.5
7.35
7.65
6.0
20
500
0.25
61
3.0
6.0
ZD5237A
F2
8.2
8.04
8.36
8.0
20
500
0.25
55
3.0
6.5
ZD5238A
F3
8.7
8.53
8.87
8.0
20
600
0.25
55
3.0
6.5
ZD5239A
F4
9.1
8.92
9.28
10
20
600
0.25
50
3.0
7.0
ZD5240A
F5
10
9.80 10.20
17
20
600
0.25
45
3.0
8.0
ZD5241A
H1
11
10.78 11.22
22
20
600
0.25
41
2.0
8.4
ZD5242A
H2
12
11.76 12.24
30
20
600
0.25
38
1.0
9.1
ZD5243A
H3
13
12.74 13.26
13
9.5
600
0.25
35
0.5
9.9
ZD5245A
H5
15
14.70 15.30
16
8.5
600
0.25
30
0.1
11
ZD5246A
J1
16
15.68 16.32
17
7.8
600
0.25
28
0.1
12
ZD5248A
J3
18
17.64 18.36
21
7.0
600
0.25
25
0.1
14
ZD5250A
J5
20
19.60 20.40
25
6.2
600
0.25
23
0.1
15
ZD5251A
K1
22
21.56 22.44
29
5.6
600
0.25
21
0.1
17
ZD5252A
K2
24
23.52 24.48
33
5.2
600
0.25
19.1
0.1
18
ZD5254A
K4
27
26.46 27.54
41
5.0
600
0.25
16.8
0.1
21


Similar Part No. - ZD5227A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5227A CYSTEKEC-ZD5227A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5227A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com