Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B7702-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B7702-Q1
Description  TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7B7702-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7B7702-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 10Page - Texas Instruments TPS7B7702-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS7B7701-Q1, TPS7B7702-Q1
www.ti.com
SLVSCE8A – JANUARY 2015 – REVISED MAY 2015
Electrical Characteristics (continued)
VI = 14 V, TJ = –40ºC to +150ºC, unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 100 to 300 mA
–3%
3%
IO = 50 to 100 mA
–5%
5%
OUTx to SENSEx current ratio accuracy
IO = 10 to 50 mA
–10%
10%
IO = 5 to 10 mA
–20%
20%
IO/ILIM
OUTx to LIMx current ratio (IO / ILIM)
VI = 4.5 V to 40 V, 50 mA ≤ I(LIMx) ≤ 300 mA
198
I(LIMx)
Programmable current-limit accuracy(3)
VI = 4.5 V to 40 V, 50 mA ≤ I(LIMx) ≤ 300 mA
–8%
8%
IL(LIMx)
Internal current-limit
LIMx shorted to GND
340
550
mA
SENSE, SENSE1, SENSE2, LIM, LIM1,
Ilkg
ENx = GND, TA = 25°C
2
µA
and LIM2 leakage current
Voltage on the LIM, LIM1, and LIM2 pins when
V(LIMx_th)
Current-limit threshold voltage
–4%
1.233
4%
V
output current is limited
When short-to-battery or reverse current
V(SENSEx_stb)
Current-sense short-to-battery fault voltage
3.05
3.2
3.3
V
conditions are detected
Current-sense thermal shutdown fault
V(SENSEx_tsd)
When thermal shutdown is detected
2.7
2.85
3
V
voltage
V(SENSEx_cl)
Current-sense current-limit fault voltage
When current-limit conditions are detected
2.4
2.55
2.65
V
When short-to-battery, reverse current, thermal
I(SENSEx_H)
Current-sense fault condition current
shutdown, or current-limit conditions are
3.3
mA
detected
FAULT DETECTION
V(stb_th)
Short-to-battery threshold
V(OUTx) – VI, checked during turnon sequence
–500
–55
110
mV
I(REV)
Reverse current detection level
Power FET on (SW or LDO mode)
–100
–40
–1
mA
TSD
Thermal shutdown
Junction temperature
175
°C
TSD(hys)
Thermal shutdown hysteresis
15
°C
INTERFACE CIRCUITRY
VOL
ERR output low
I(SINK) = 5 mA
0.4
V
ERR high impedance, 5-V external voltage is
Ilkg
ERR open-drain leakage current
1
µA
applied at ERR
R(OUTx-off)
OUT pulldown resistor(2)
ENx = GND
50
k
Ω
IR(lkg)
Reverse leakage current
–40 V < VI < 0 V, reverse current to IN
0.6
mA
VCC
Internal voltage regulator
VI = 5.5 to 40 V, ICC = 0 mA
4.25
4.5
4.75
V
ICC(lim)
Internal voltage-regulator current-limit
15
70
mA
(3)
The current-limit accuracy is ensured when the LIMx pin is between 50 mA and 300 mA.
6.6 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AND CURRENT-LIMIT
Current-sense delay time from the rising edge
V(ENx) ≥ 2 V, SENSE_EN = GND,
td(SENSE_SEL_r)
10
µs
of SENSE_SEL(1)
SENSE_SEL rise from 0 to 5 V
Current-sense delay time from the falling edge
V(ENx) ≥ 2 V, SENSE_EN = GND,
td(SENSE_SEL_f)
10
µs
of SENSE_SEL(1)
SENSE_SEL fall from 5 to 0 V
Current-sense delay time from rising edge of
V(ENx) ≥ 2 V, SENSE_EN rise from 0 to
td(SENSE_EN_r)
10
µs
SENSE_EN(1)
5 V
Current-sense delay time from falling edge of
V(ENx) ≥ 2 V, SENSE_EN fall from 5 to
td(SENSE_EN_f)
10
µs
SENSE_EN(1)
0 V
FAULT DETECTION
Delay to shut down the switch or LDO
Reverse current (Short-to-BAT) shutdown
t(PD_RC)
after a drop over ron becomes negative,
5
20
µs
deglitch time
I(OUTx) = –200 mA (typical), TA = 25°C
Blanking time for reverse-current
detection after power up, the rising
t(BLK_RC)
Reverse current blanking time
16
ms
edge of the ENx pin, or the current
limiting event is over
(1)
Design information — not tested, ensured by characterization.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS7B7701-Q1 TPS7B7702-Q1


Similar Part No. - TPS7B7702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B7702-Q1 TI1-TPS7B7702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Single- and Dual-Channel Antenna LDO
More results

Similar Description - TPS7B7702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com