Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4001-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4001-EP
Description  TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4001-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4001-EP Datasheet HTML 1Page - Texas Instruments TPS7A4001-EP Datasheet HTML 2Page - Texas Instruments TPS7A4001-EP Datasheet HTML 3Page - Texas Instruments TPS7A4001-EP Datasheet HTML 4Page - Texas Instruments TPS7A4001-EP Datasheet HTML 5Page - Texas Instruments TPS7A4001-EP Datasheet HTML 6Page - Texas Instruments TPS7A4001-EP Datasheet HTML 7Page - Texas Instruments TPS7A4001-EP Datasheet HTML 8Page - Texas Instruments TPS7A4001-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS7A4001-EP
OUT
FB
GND
C
IN
R
1
C
BYP
C
OUT
IN
EN
V
IN
V
OUT
R
2
V
EN
V
IN
100 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A4001-EP
SBVS226 – AUGUST 2015
TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
1 Features
2 Applications
1
Very High Maximum Input Voltage: 100 V
Microprocessors, Microcontrollers Powered by
Industrial Busses With High Voltage Transients
Wide Input Voltage Range: 7 to 100 V
Industrial Automation
Accuracy:
Telecom Infrastructure
Nominal: 1%
Automotive
Over Line, Load, and Temperature: 2.7%
Power over Ethernet (PoE)
Low Quiescent Current: 25 µA
LED Lighting
Quiescent Current at Shutdown: 4.1 µA
Bias Power Supplies
Maximum Output Current: 50 mA
CMOS Logic-Level-Compatible Enable Pin
3 Description
Adjustable Output Voltage from about 1.175 to
The TPS7A4001-EP device is a very high voltage-
90 V
tolerant linear regulator that offers the benefits of a
Stable With Ceramic Capacitors:
thermally-enhanced package (HVSSOP) and is able
to
withstand
continuous
DC
or
transient
input
Input Capacitance:
≥1 µF
voltages of up to 100 V.
Output Capacitance:
≥4.7 µF
The TPS7A4001-EP device is stable with any output
Dropout Voltage: 290 mV
capacitance greater than 4.7 µF and any input
Built-In Current Limit and Thermal Shutdown
capacitance greater than 1 µF (over temperature and
Protection
tolerance). Therefore, implementations of this device
Package: High Thermal Performance HVSSOP
require
minimal
board
space
because
of
its
PowerPAD™
miniaturized packaging (HVSSOP) and a potentially
small output capacitor. In addition, the TPS7A4001-
Supports Defense, Aerospace, and Medical
EP device offers an enable pin (EN) compatible with
Applications
standard
CMOS
logic
to
enable
a
low-current
Controlled Baseline
shutdown mode.
One Assembly and Test Site
The TPS7A4001-EP device has an internal thermal
One Fabrication Site
shutdown and current limiting to protect the system
during fault conditions. The TPS7A4001-EP device
Available in Military (–55°C to 125°C)
has an operating temperature range of TJ = –55°C to
Temperature Range
125°C.
Extended Product Life Cycle
In addition, the TPS7A4001-EP device is ideal for
Extended Product-Change Notification
generating a low-voltage supply from intermediate
Product Traceability
voltage rails in telecom and industrial applications;
not only can it supply a well-regulated voltage rail, but
Typical Application Schematic
it can also withstand and maintain regulation during
very high and fast voltage transients. These features
translate to simpler and more cost-effective electrical
surge-protection
circuitry
for
a
wide
range
of
applications, including PoE, bias supply, and LED
lighting.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS7A4001-EP
HVSSOP (8)
3.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A4001-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4001-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com