Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S107 Datasheet(PDF) 2 Page - Solid State Optronic

Part # S107
Description  High transient immunity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S107 Datasheet(HTML) 2 Page - Solid State Optronic

  S107_15 Datasheet HTML 1Page - Solid State Optronic S107_15 Datasheet HTML 2Page - Solid State Optronic S107_15 Datasheet HTML 3Page - Solid State Optronic S107_15 Datasheet HTML 4Page - Solid State Optronic S107_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S107
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current (Resistive Load)
m
5
6.5
Io = 0.8A
A
Turn-On Current (Inductive Load)
m
10
12
Io = 300uA (AC)
A
Junction Capacitance
p
5
Vf = 0V
F
OUTPUT SPECIFICATIONS
Blocking Voltage
V
600
Continuous Load Current
A
0.8
If = 6.5mA
Surge Current Rating
A
10
T = 16ms
Holding Current
m
10
A
On-Voltage
V
1.2
Io = 0.8A
Zero Cross Turn On Threshold Voltage
V
5
If = 6.5mA
Leakage Current
µ
100
250
Vo = 250V
A
Thermal Resistance
°
80
C/
W
Power Factor
0.3
See Note 1 below
Critical Rate of Rise (dV/dt)
V
400
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Isolation Resistance
G
100
Coupled Capacitance
p
6
F
www.ssousa.com • +1.408.293.4600
Page 2 of 5
S107
rev 1.41 (10/23/2007)
© 2007 Solid State Optronics • San José, CA
1
Note 1: Snubber circuits may be required for lower power factors


Similar Part No. - S107_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S107-X SSOUSA-S107-X Datasheet
225Kb / 5P
   1 Form A Solid State Relay
S107-X SSOUSA-S107-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
logo
Teccor Electronics
S1070W TECCOR-S1070W Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
New Jersey Semi-Conduct...
S1070W NJSEMI-S1070W Datasheet
1Mb / 2P
   Electrical Specifications
logo
Hamamatsu Corporation
S10747-0909 HAMAMATSU-S10747-0909 Datasheet
486Kb / 7P
   Enhanced near-infrared sensitivity by using fully-depleted CCD technology
More results

Similar Description - S107_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Analog Devices
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com