Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV733P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV733P
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm1-mm SON Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV733P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV733P Datasheet HTML 4Page - Texas Instruments TLV733P Datasheet HTML 5Page - Texas Instruments TLV733P Datasheet HTML 6Page - Texas Instruments TLV733P Datasheet HTML 7Page - Texas Instruments TLV733P Datasheet HTML 8Page - Texas Instruments TLV733P Datasheet HTML 9Page - Texas Instruments TLV733P Datasheet HTML 10Page - Texas Instruments TLV733P Datasheet HTML 11Page - Texas Instruments TLV733P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TJ (GC)
-40
-20
0
20
40
60
80
100
120
140
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
D014
VEN(LO)
VEN(HI)
Foldback Current Limit (mA)
150 200 250 300 350 400 450 500 550 600 650 700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D023
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
VIN (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
8
16
24
32
40
D013
TJ = 25 GC
VIN (V)
0
1
2
3
4
5
6
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
D015
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
D019
D010
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
25
30
35
40
45
50
55
60
65
70
D012
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
TLV733P
SBVS235A – OCTOBER 2014 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At operating temperature range (TJ = –40°C to 125°C), VIN = VOUTnom + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF, unless otherwise noted.
TLV73318PDBV
Figure 13. 1.8-V Regulation vs VIN (Line Regulation) and
Figure 14. Ground Pin Current vs IOUT and Temperature
Temperature
IOUT = 0 mA
Figure 15. Ground Pin Current vs VIN
Figure 16. Shutdown Current vs VIN and Temperature
TLV73310PDBV
Figure 17. Enable Threshold vs Temperature
Figure 18. 1.0-V Foldback Current Limit vs
IOUT and Temperature
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TLV733P


Similar Part No. - TLV733P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV733P TI1-TLV733P Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI1-TLV733P Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

Similar Description - TLV733P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV7163030PDPQT TI-TLV7163030PDPQT Datasheet
480Kb / 19P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TPS7A05 TI1-TPS7A05_18 Datasheet
3Mb / 40P
[Old version datasheet]   1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com