Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4734 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4734
Description  0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4734 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4734 Datasheet HTML 3Page - Maxim Integrated Products MAX4734 Datasheet HTML 4Page - Maxim Integrated Products MAX4734 Datasheet HTML 5Page - Maxim Integrated Products MAX4734 Datasheet HTML 6Page - Maxim Integrated Products MAX4734 Datasheet HTML 7Page - Maxim Integrated Products MAX4734 Datasheet HTML 8Page - Maxim Integrated Products MAX4734 Datasheet HTML 9Page - Maxim Integrated Products MAX4734 Datasheet HTML 10Page - Maxim Integrated Products MAX4734 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX4734 is a low 0.8
Ω max (at V+ = 2.7V) on-
resistance, low-voltage, 4-channel CMOS analog multi-
plexer that operates from a 1.6V to 3.6V single supply.
CMOS switch construction allows switching analog sig-
nals that range from GND to V+.
When powered from a 2.7V supply, the 0.8
Ω max RON
allows high continuous currents to be switched in a
variety of applications.
Applications Information
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, followed by NO_ or COM.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
propagation from the V+ supply to other components.
A 0.1µF capacitor, connected from V+ to GND, is ade-
quate for most applications.
Logic Inputs
The MAX4734 logic inputs can be driven up to 3.6V
regardless of the supply voltage. For example, with a
1.8V supply, A_ and EN may be driven low to GND and
high to 3.6V. Driving A_ and EN rail-to-rail minimizes
power consumption.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see Typical Operating Characteristics). The
switches are bidirectional, so the NO_ and COM_ pins
can be used as either inputs or outputs.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Reduce stray
inductance and capacitance by keeping traces short
and wide. Ensure that bypass capacitors are as close
to the device as possible. Use large ground planes
where possible.
0.8
Ω, Low-Voltage, 4-Channel
Analog Multiplexer
_______________________________________________________________________________________
7
50%
tOFF
tR < 5ns
tF < 5ns
0
0
VEN = VIH + 0.5
VOUT
90%
90%
tON
V+
VOUT
GND
V+
A1
A0
EN
NO1
NO2–NO4
COM
VNO_
RL
MAX4734
35pF
VEN
V+
Figure 1. Switching Time
Test Circuits/Timing Diagrams


Similar Part No. - MAX4734

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX473-MAX475 MAXIM-MAX473-MAX475 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX4730 MAXIM-MAX4730 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730ELT-T MAXIM-MAX4730ELT-T Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
More results

Similar Description - MAX4734

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4634EUB-T MAXIM-MAX4634EUB-T Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
MAX4634 MAXIM-MAX4634_09 Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
   Low Voltage Analog Switch/Multiplexer
logo
List of Unclassifed Man...
AAM3104 ETC2-AAM3104 Datasheet
217Kb / 6P
   ULTRA LOW POWER, 4-CHANNEL CMOS ANALOG MULTIPLEXER
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com