Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF578 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF578
Description  Power LDMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF578 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF578_15 Datasheet HTML 1Page - NXP Semiconductors BLF578_15 Datasheet HTML 2Page - NXP Semiconductors BLF578_15 Datasheet HTML 3Page - NXP Semiconductors BLF578_15 Datasheet HTML 4Page - NXP Semiconductors BLF578_15 Datasheet HTML 5Page - NXP Semiconductors BLF578_15 Datasheet HTML 6Page - NXP Semiconductors BLF578_15 Datasheet HTML 7Page - NXP Semiconductors BLF578_15 Datasheet HTML 8Page - NXP Semiconductors BLF578_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BLF578_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 4 February 2010
4 of 14
NXP Semiconductors
BLF578
Power LDMOS transistor
6.1 Ruggedness in class-AB operation
The BLF578 is capable of withstanding a load mismatch corresponding to VSWR = 13 : 1
through all phases under the following conditions: VDS = 50 V; IDq = 40 mA; PL = 1200 W
pulsed; f = 225 MHz.
IDSX
drain cut-off current
VGS = VGS(th) + 3.75 V;
VDS = 10 V
58
70
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
280
nA
RDS(on)
drain-source on-state
resistance
VGS = VGS(th) + 3.75 V;
ID = 16.66 A
-
0.07
-
Ω
Crs
feedback capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
3
-
pF
Ciss
input capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
403
-
pF
Coss
output capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
138
-
pF
Table 7.
RF characteristics
Mode of operation: pulsed RF; tp = 100 μs; δ = 20 %; f = 225 MHz; RF performance at VDS = 50 V;
IDq = 40 mA; Tcase = 25 °C; unless otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 1200 W
23
24
25.4
dB
RLin
input return loss
PL = 1200 W
14
17.5
-
dB
η
D
drain efficiency
PL = 1200 W
68
71
-
%
VGS = 0 V; f = 1 MHz.
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 6.
DC characteristics …continued
Tj = 25 °C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS (V)
050
20
30
40
10
001aaj113
300
150
450
600
750
900
Coss
(pF)
0


Similar Part No. - BLF578_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF578XR NXP-BLF578XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF578XR AMPLEON-BLF578XR Datasheet
1Mb / 15P
   Power LDMOS transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLF578XR(S) NXP-BLF578XR(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF578XRS NXP-BLF578XRS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF578XRS AMPLEON-BLF578XRS Datasheet
1Mb / 15P
   Power LDMOS transistor
Rev. 5 ??1 September 2015
More results

Similar Description - BLF578_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com