Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHM7064 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHM7064
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7064 Datasheet(HTML) 5 Page - International Rectifier

  IRHM7064_15 Datasheet HTML 1Page - International Rectifier IRHM7064_15 Datasheet HTML 2Page - International Rectifier IRHM7064_15 Datasheet HTML 3Page - International Rectifier IRHM7064_15 Datasheet HTML 4Page - International Rectifier IRHM7064_15 Datasheet HTML 5Page - International Rectifier IRHM7064_15 Datasheet HTML 6Page - International Rectifier IRHM7064_15 Datasheet HTML 7Page - International Rectifier IRHM7064_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHM7064, JANSR2N7431
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-SourceVoltage
Fig 5. Typical Capacitance Vs.
Drain-to-SourceVoltage
Fig 7. Typical Source-Drain Diode
ForwardVoltage
1
10
100
0
2000
4000
6000
8000
10000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
50
100
150
200
250
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
35A
V
= 12V
DS
V
= 30V
DS
V
= 48V
DS
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
5.0
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
VDS , Drain-to-Source Voltage (V)
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µs


Similar Part No. - IRHM7064_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
More results

Similar Description - IRHM7064_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com