Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF188XR Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF188XR
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF188XR Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF188XR_15 Datasheet HTML 1Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 2Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 3Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 4Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 5Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 6Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 7Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 8Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
A 1400 W extremely rugged LDMOS power transistor for broadcast and industrial
applications in the HF to 600 MHz band.
1.2 Features and benefits
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (HF to 600 MHz)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLF188XR; BLF188XRS
Power LDMOS transistor
Rev. 5 — 12 November 2013
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
2 to 30
50
1270
29.0
75
27
50
1400
23.7
73
41
50
1200
22.0
82
60
48
1240
22.0
77
72.5
50
1350
23.1
83
81.4
50
1200
27.1
77.8
88 to 108
50
1320
22.5
85
108
50
1200
26.5
83
200
50
1288
19.3
68.3
pulsed RF
81.4
50
1200
25.8
85
81.4
50
1400
25.4
81
108
50
1400
24.0
73
DVB-T
174 to 230
50
225
23.8
29


Similar Part No. - BLF188XR_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF188XRG AMPLEON-BLF188XRG Datasheet
965Kb / 13P
   Power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF188XRG PHILIPS-BLF188XRG_15 Datasheet
181Kb / 13P
   Power LDMOS transistor
Rev. 1-30 June 2014
BLF188XRS NXP-BLF188XRS Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
logo
Ampleon Netherlands B.V...
BLF188XRS AMPLEON-BLF188XRS Datasheet
1Mb / 15P
   Power LDMOS transistor
Rev. 6 ??1 September 2015
More results

Similar Description - BLF188XR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com