Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M231 Datasheet(PDF) 5 Page - Solid State Optronic

Part # M231
Description  High Input-to-Output Isolation (1500V MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M231 Datasheet(HTML) 5 Page - Solid State Optronic

  M231 Datasheet HTML 1Page - Solid State Optronic M231 Datasheet HTML 2Page - Solid State Optronic M231 Datasheet HTML 3Page - Solid State Optronic M231 Datasheet HTML 4Page - Solid State Optronic M231 Datasheet HTML 5Page - Solid State Optronic M231 Datasheet HTML 6Page - Solid State Optronic M231 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 7
M231 /TR
Rev 1.99 (11/12/2013)
001733
M231
1 Form A
250V / 10Ω
MOSFET Output Solid State Relay
M231 Package Dimensions
4 PIN SOP Package
Note: All dimensions in inches with millimeters [mm] in parenthesis ()


Similar Part No. - M231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M23 ETC2-M23 Datasheet
336Kb / 4P
   M Series Standard Size Slide Switches
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
PETERMANN-TECHNIK
M2300 PETERMANN-M2300 Datasheet
131Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M2302 PETERMANN-M2302 Datasheet
131Kb / 2P
   HIGH RELIABILITY FOR LOW COST
logo
Littelfuse
M232001 LITTELFUSE-M232001 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - M231

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M201 SSOUSA-M201 Datasheet
293Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
   High Input-to-Output Isolation (1.5kV MIN)
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
   High Input-to-Output Isolation (up to 5VRMS)
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com