Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4708EWE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4708EWE
Description  Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4708EWE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4708EWE Datasheet HTML 2Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 9Page - Maxim Integrated Products MAX4708EWE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Note 2:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
NO_ pins are fault protected and COM_ pins are not fault protected. The max input voltage on NO_ pins depends on the
COM_ load configuration. Generally, the max input voltage is ±36V with ±15V supplies and a load referred to ground. For
more detailed information, see the NO_ Input Voltage section.
Note 4:
Guaranteed by design and not production tested.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6:
Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at TA =
+25°C.
Note 7: Dynamic testing is 100% functionally tested on the ATE system and correlated with the initial design characterization per
Figures 2 and 3.
Note 8: Off-Isolation = 20 log10 (VCOM_ / VNO_), where VCOM_ = output and VNO_ = input to open switch.
Note 9: Between any two analog inputs.
Note 10: Guaranteed by testing with dual supplies.
Fault-Protected, Single 8-to-1/
Dual 4-to-1 Multiplexers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Off-Isolation
VISO
f = 1MHz, VNO_ = 1VRMS, RL =
75
Ω, CL = 15pF, Figure 6 (Note 8)
+25°C
-70
dB
Channel-to-Channel Crosstalk
VCT
f = 1MHz, VNO_ = 1VRMS, RL =
75
Ω, CL = 15pF, Figure 7 (Note 9)
+25°C
-62
dB
POWER SUPPLY
Power-Supply Range
V+
E
9
36
V
+25°C
180
300
All VA_ = VEN = 5V, VNO_ = 0
E
450
+25°C
112
250
V+ Supply Current
I+
All VA_ = 0 or V+, VNO_ = 0, VEN =
0 or V+
E
375
µA
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
15
10
5
0
-5
-10
-15
200
400
600
800
1000
0
-20
20
V+ = +4.5V
V- = -4.5V
V+ = +15V
V- = -15V
V+ = +10V
V- = -10V
V+ = +20V
V- = -20V
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
30
24
18
12
6
200
400
600
800
1000
0
036
V+ = +9V
V- = 0V
V+ = +12V
V- = 0V
V+ = +15V
V- = 0V
V+ = +20V
V- = 0V
V+ = +30V
V- = 0V
V+ = +36V
V- = 0V
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(DUAL SUPPLIES)
VCOM (V)
10
5
0
-5
-10
100
200
300
400
500
600
0
-15
15
V+ = +15V
V- = -15V
TA = +70
°C
TA = +25
°C
TA = -40
°C
TA = -55
°C
TA = +85
°C
TA = +125
°C
Typical Operating Characteristics
(V+ = +15V, V- = -15V, VEN = +2.4V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4708EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708EWE MAXIM-MAX4708EWE Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
More results

Similar Description - MAX4708EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com