Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4680EWE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4680EWE
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4680EWE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4680EWE Datasheet HTML 1Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 2Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4680EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4680/MAX4690/MAX4700 dual analog switches
feature low on-resistance of 1.25
Ω max. On-resistance is
matched between switches to 0.3
Ω max and is flat (0.3Ω
max) over the specified signal range. Each switch can
handle Rail-to-Rail® analog signals. Off-leakage current is
only 5nA max at +85°C. These analog switches are ideal
in low-distortion applications and are the preferred solu-
tion over mechanical relays in automatic test equipment
or applications where current switching is required. They
have low power requirements, require less board space,
and are more reliable than mechanical relays.
The MAX4680 has two NC (normally closed) switches,
and the MAX4690 has two NO (normally open) switch-
es. The MAX4700 has one NC and one NO switch and
features guaranteed break-before-make switching.
These devices operate from a +4.5V to +36V single
supply or from ±4.5V to ±20V dual supplies. A separate
logic supply pin guarantees TTL/CMOS-logic compati-
bility while operating across the entire supply voltage
range.
Applications
Reed Relay Replacement
Data Acquisition Systems
Test Equipment
Sample-and-Hold Circuits
Communication Systems
PBX, PABX Systems
Features
o Low On-Resistance (1.25
Ω max)
o Guaranteed RON Match Between Channels
(0.3
Ω max)
o Guaranteed RON Flatness Over Specified
Signal Range (0.3
Ω max)
o Rail-to-Rail Signal Handling
o Guaranteed Break-Before-Make (MAX4700)
o +4.5V to +36V Single-Supply Operation
±4.5V to ±20V Dual-Supply Operation
o TTL/CMOS-Compatible Control Inputs
o >2kV ESD Protection per Method 3015.7
1.25
, Dual SPST,
CMOS Analog Switches
________________________________________________________________
Maxim Integrated Products
1
LOGIC
TOP VIEW
N.C. = NOT INTERNALLY CONNECTED
SWITCHES SHOWN FOR LOGIC “0” INPUT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC1
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NC2
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4680
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N01
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NO2
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4690
SWITCH
0
1
OFF
ON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N01
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NC1
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4700
LOGIC
SWITCH 1
0
1
OFF
ON
SWITCH 2
ON
OFF
MAX4680
MAX4690
MAX4700
19-1513; Rev 0; 7/99
PART
MAX4680CAE
MAX4680CWE
MAX4680CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 SSOP
16 Wide SO
16 Plastic DIP
Ordering Information continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information
MAX4680EAE
-40°C to +85°C
16 SSOP
MAX4680EWE
-40°C to +85°C
16 Wide SO
MAX4680EPE
-40°C to +85°C
16 Plastic DIP


Similar Part No. - MAX4680EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX468 MAXIM-MAX468 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4684 MAXIM-MAX4684 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4684-MAX4685 MAXIM-MAX4684-MAX4685 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results

Similar Description - MAX4680EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com