Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4354-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354-Q1
Description  OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4354-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4354-Q1 Datasheet HTML 1Page - Texas Instruments OPA4354-Q1 Datasheet HTML 2Page - Texas Instruments OPA4354-Q1 Datasheet HTML 3Page - Texas Instruments OPA4354-Q1 Datasheet HTML 4Page - Texas Instruments OPA4354-Q1 Datasheet HTML 5Page - Texas Instruments OPA4354-Q1 Datasheet HTML 6Page - Texas Instruments OPA4354-Q1 Datasheet HTML 7Page - Texas Instruments OPA4354-Q1 Datasheet HTML 8Page - Texas Instruments OPA4354-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OPA354-Q1
V
OUT
V+
V
-
- In
+In
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA354-Q1, OPA2354-Q1, OPA4354-Q1
SBOS492B – JUNE 2009 – REVISED DECEMBER 2014
OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
1 Features
3 Description
The design of the OPAx354-Q1 family of high-speed,
1
Qualified for Automotive Applications
voltage-feedback CMOS operational amplifiers is for
AEC-Q100 Qualified With the Following Results:
video
and
other
applications
requiring
wide
Device Temperature Grade : –40°C to 125°C
bandwidth. These devices are unity-gain stable and
Ambient Operating Temperature Range
can drive large output currents. Differential gain is
0.02% and differential phase is 0.09°. Quiescent
Device HBM ESD Classification Level 2
current is only 4.9 mA per channel.
Device CDM ESD Classification Level C3
The OPAx354-Q1 family of operational amplifiers (op-
Unity-Gain Bandwidth: 250 MHz
amps) are optimized for operation on single or dual
Wide Bandwidth: 100-MHz GBW
supplies as low as 2.5 V (±1.25 V) and up to 5.5 V
High Slew Rate: 150 V/
μs
(±2.75
V).
Common-mode
input
range
extends
beyond the supplies. The output swing is within 100
Low Noise: 6.5 nV/
√Hz
mV of the rails, supporting wide dynamic range.
Rail-to-Rail I/O
The single-supply version (OPA354-Q1) is available
High Output Current: >100 mA
in the tiny SOT23-5 (DBV) package. The dual-supply
Excellent Video Performance
version (OPA2354-Q1) is available in the miniature
Differential Gain Error: 0.02%
VSSOP-8 (DGK) package and features completely
independent
circuitry
for
lowest
crosstalk
and
Differential Phase Error: 0.09°
freedom from interaction. The quad-supply version
0.1-dB Gain Flatness: 40 MHz
(OPA4354-Q1) is available in the SOP-14 (PW)
Low Input Bias Current: 3 pA
package. The device specifications are for operation
over the automotive temperature range of –40°C to
Quiescent Current: 4.9 mA
125°C.
Thermal Shutdown
Supply Range: 2.5 V to 5.5 V
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
2 Applications
OPA354-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
Video Processing
OPA2354-Q1
VSSOP (8)
3.00 mm × 3.00 mm
Ultrasound
OPA4354-Q1
TSSOP (14)
5.00 mm × 4.40 mm
Optical Networking, Tunable Lasers
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Photodiode Transimpedance Amplifiers
Active Filters
High-Speed Integrators
Analog-to-Digital Converter (ADC) Input Buffers
Digital-to-Analog Converter (DAC) Output
Amplifiers
Barcode Scanners
Communications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA4354-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354-Q1 TI1-OPA4354-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA4354-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com