Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M201 Datasheet(PDF) 6 Page - Solid State Optronic

Part # M201
Description  High Input-to-Output Isolation (1500V MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M201 Datasheet(HTML) 6 Page - Solid State Optronic

  M201 Datasheet HTML 1Page - Solid State Optronic M201 Datasheet HTML 2Page - Solid State Optronic M201 Datasheet HTML 3Page - Solid State Optronic M201 Datasheet HTML 4Page - Solid State Optronic M201 Datasheet HTML 5Page - Solid State Optronic M201 Datasheet HTML 6Page - Solid State Optronic M201 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 6 of 7
M201 /TR
Rev 2.00 (11/12/2013)
001732
M201
1 Form A
600V / 20Ω
MOSFET Output Solid State Relay
M201 Packaging Specifications
Tape & Reel Specifications (T&R)
Note: All dimensions in millimeters [mm]


Similar Part No. - M201

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M201061200 HARWIN-M201061200 Datasheet
56Kb / 1P
   2.54mm PITCH SIL CRIMP MOULDING
logo
List of Unclassifed Man...
M2011 ETC1-M2011 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2011 ETC2-M2011 Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2011E2A1 NKK-M2011E2A1 Datasheet
1Mb / 28P
   General Specifications
M2011E2A2 NKK-M2011E2A2 Datasheet
1Mb / 28P
   General Specifications
More results

Similar Description - M201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M231 SSOUSA-M231 Datasheet
291Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
   High Input-to-Output Isolation (1.5kV MIN)
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
   High Input-to-Output Isolation (up to 5VRMS)
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com