Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4680CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4680CPE
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4680CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4680CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4680CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.25
, Dual SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +44V
V- to GND ...............................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL to GND.................................................... -0.3V to (V+ + 0.3V)
All Other Pins to GND (Note 1) ........... (V- - 0.3V) to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_) ....................... ±200mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle) .............................. ±300mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 7.1mW/°C above +70°C) ......................571mW
Wide SO (derate 9.52mW/°C above +70°C) ...............762mW
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Operating Temperature Ranges
MAX4_ _0C_E ....................................................0°C to +70°C
MAX4_ _0E_E ..................................................-40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10sec) ............................+300°C
-5
5
-2.5
2.5
-20
20
TA = TMIN to TMAX
V
TA = +25°C
V-
V+
VCOM_, VNO_,
VNC_
Input Voltage Range
(Note 3)
IN_ = 0.8V, all others = 2.4V
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V,
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
0.09
0.3
∆RON
COM_ to NO_ or NC_
On-Resistance Match Between
Channels (Notes 3, 4)
0.9
1.25
RON
COM_ to NO_ or NC_
On-Resistance
-0.5
0.001
0.5
IIN_L
Input Current with Input Voltage
Low
µA
-0.5
0.001
0.5
IIN_H
Input Current with Input Voltage
High
0.06
0.3
RFLAT(ON)
COM_ to NO_ or NC_
On-Resistance Flatness
(Notes 3, 5)
nA
-0.5
0.01
0.5
INO_,INC_
Off-Leakage Current
(NO_ or NC_) (Note 6)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM_ Off-Leakage Current
(Note 6)
nA
-1
0.01
1
ICOM_(ON)
COM_ On-Leakage Current
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 10mA,
VNO_ or VNC_= ±10V
ICOM_ = 10mA; VNO_
or VNC_ = -5V, 0, 5V
TA = +25°C
VCOM_ = ±10V,
VNO_ or VNC_ = –
+10V
VCOM_ = ±10V,
VNO_ or VNC_ = –
+10V
VCOM_ = ±10V,
VNO_ or VNC_= ±10V
or floating
TA = +25°C
TA = TMIN to TMAX
1.5
0.5
TA = TMIN to TMAX
0.5
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.
ANALOG SWITCH
LOGIC INPUT


Similar Part No. - MAX4680CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX468 MAXIM-MAX468 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4684 MAXIM-MAX4684 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4684-MAX4685 MAXIM-MAX4684-MAX4685 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results

Similar Description - MAX4680CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com