Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38502-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP38502-ADJ
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38502-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP38502-ADJ Datasheet HTML 5Page - Texas Instruments LP38502-ADJ Datasheet HTML 6Page - Texas Instruments LP38502-ADJ Datasheet HTML 7Page - Texas Instruments LP38502-ADJ Datasheet HTML 8Page - Texas Instruments LP38502-ADJ Datasheet HTML 9Page - Texas Instruments LP38502-ADJ Datasheet HTML 10Page - Texas Instruments LP38502-ADJ Datasheet HTML 11Page - Texas Instruments LP38502-ADJ Datasheet HTML 12Page - Texas Instruments LP38502-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LP38500-ADJ, LP38502-ADJ
www.ti.com
SNVS539G – NOVEMBER 2007 – REVISED JUNE 2015
7 Detailed Description
7.1 Overview
The LP38500-ADJ and LP38502-ADJ are flex-cap and low-dropout adjustable regulators, the output voltage can
be set from 0.6 V to 5 V. Standard regulator features, such as overcurrent and overtemperature protections, are
also included.
The LP38500-ADJ and LP38502-ADJ contains several features:
● Stable with any type of output capacitor
● Fast load transient response
● Disable Mode (LP38502-ADJ only)
7.2 Functional Block Diagrams
Figure 10. LP38500-ADJ DDPAK/TO-263 Block Diagram
Figure 11. LP38502-ADJ DDPAK/TO-263 Block Diagram
Figure 12. LP38500-ADJ WSON Block Diagram
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP38500-ADJ LP38502-ADJ


Similar Part No. - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38502ASD-ADJ NSC-LP38502ASD-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38502ASD-ADJ/NOPB TI-LP38502ASD-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502ASD-ADJ/NOPB TI1-LP38502ASD-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
National Semiconductor ...
LP38502ASDX-ADJ NSC-LP38502ASDX-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38502ASDX-ADJ/NOPB TI-LP38502ASDX-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38503-ADJ TI-LP38503-ADJ_15 Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501-ADJ TI-LP38501-ADJ_15 Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com