Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLUC7670Z4 Datasheet(PDF) 11 Page - International Rectifier

Part # IRHLUC7670Z4
Description  Simple Drive Requirements
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUC7670Z4 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRHLUC7670Z4 Datasheet HTML 7Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 8Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 9Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 10Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 11Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 12Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 13Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 14Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
Pre-Irradiation
IRHLUC7670Z4, 2N7632UC
P-Channel
Die 2
Fig 22. Normalized On-Resistance
Vs.Temperature
Fig 20. Typical Output Characteristics
Fig 19. Typical Output Characteristics
Fig 21. Typical Transfer Characteristics
0.1
1
10
100
-VDS , Drain-to-Source Voltage (V)
0.01
0.1
1
10
60
µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-10V
-5.0V
-4.0V
-3.5V
-3.0V
-2.5V
-2.25V
BOTTOM -2..0V
-2.0V
0.1
1
10
100
-VDS , Drain-to-Source Voltage (V)
0.1
1
10
60
µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-10V
-5.0V
-4.0V
-3.5V
-3.0V
-2.5V
-2.25V
BOTTOM -2..0V
-2.0V
22.5
3
3.544.5
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
VDS = -25V
6
0µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
VGS = -4.5V
ID = -0.65A


Similar Part No. - IRHLUC7670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results

Similar Description - IRHLUC7670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com