Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4632 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4632
Description  Fault-Protected, High-Voltage, Dual Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4632 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4632 Datasheet HTML 6Page - Maxim Integrated Products MAX4632 Datasheet HTML 7Page - Maxim Integrated Products MAX4632 Datasheet HTML 8Page - Maxim Integrated Products MAX4632 Datasheet HTML 9Page - Maxim Integrated Products MAX4632 Datasheet HTML 10Page - Maxim Integrated Products MAX4632 Datasheet HTML 11Page - Maxim Integrated Products MAX4632 Datasheet HTML 12Page - Maxim Integrated Products MAX4632 Datasheet HTML 13Page - Maxim Integrated Products MAX4632 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Fault-Protected, High-Voltage,
Dual Analog Switches
10
______________________________________________________________________________________
Transient Fault Response and Recovery
When a fast rising and falling transient on NO_ (or NC_)
exceeds V+ or V-, the output (COM_) follows the input
(IN_) to the supply rail with only a few nanoseconds of
delay. This delay is due to the switch on-resistance and
circuit capacitance to ground. However, when the input
transient returns to within the supply rails, there is a
longer output recovery time delay. For positive and
negative faults, the recovery time is typically 2.5µs.
These values depend on the COM_ output resistance
and capacitance, and are not production tested or
guaranteed. The delays are not dependent on the fault
amplitude. Higher COM_ output resistance and capaci-
tance increase recovery times.
Fault-Protection Voltage and Power Off
The maximum fault voltage on the NO_ (or NC_) pins is
±40V when the power is off. For the MAX4631/
MAX4633, with ±15V supplies, the highest voltage on
NO_ (or NC_) can be +36V, and the lowest voltage on
NO (or NC_) can be -36V. For the MAX4632, with ±15V
supplies, the highest voltage on NO_ (or NC_) can be
+25V, and the lowest voltage on NO_ (or NC_) can be
-25V. Exceeding these limits can damage the device.
IN_ Logic-Level Thresholds
The logic-level thresholds are TTL/CMOS compatible
when V+ is +15V. Raising V+ increases the threshold
slightly; when V+ reaches +25V, the level threshold is
about 2.8V—higher than the TTL output high-level mini-
mum of 2.4V, but still compatible with CMOS outputs
(see
Typical Operating Characteristics).
Increasing V- has no effect on the logic-level thresh-
olds, but it does increase the gate-drive voltage to the
signal FETs, reducing their on-resistance.
Failure Modes
The MAX4631/MAX4632/MAX4633 are not lightning
arrestors or surge protectors. Exceeding the fault-pro-
tection voltage limits on NO_ or NC_, even for very short
periods, can cause the device to fail. The failure modes
may not be obvious, and failure in one switch may or
may not affect other switches in the same package.
__________Applications Information
Ground
There is no connection between the analog signal
paths and GND. The analog signal paths consist of an
N-channel and a P-channel MOSFET with their sources
and drains paralleled and their gates driven out of
phase to V+ and V- by the logic-level translators.
V+ and GND power the internal logic and logic-level
translators and set the input logic thresholds. The logic-
level translators convert the logic levels to switched V+
and V- signals to drive the analog switch gates. This
drive signal is the only connection between the power
supplies and the analog signals. GND, IN_, and COM_
have ESD-protection diodes to V+ and V-.
Supply-Current Reduction
When the logic signals are driven rail-to-rail from 0 to
+12V or -15V to +15V, the supply current reduces to
approximately half of the supply current when the logic
input levels are at 0 to +5V.
Power Supplies
The MAX4631/MAX4632/MAX4633 operate with bipolar
supplies between ±4.5V and ±18V. The V+ and V- sup-
plies need not be symmetrical, but their difference can
not exceed the absolute maximum rating of +44V.
These devices operate from a single supply between
+9V and +36V when V- is connected to GND.
INPUT
RANGE
On
Between Rails
POWER
SUPPLIES
(V+, V-)
NC_
On
NO_
Off
OUTPUT
NC_
On
Between Rails
Off
On
NO_
On
Between V+ and (+40V - V+)
On
Off
V+
On
Between V+ and (+40V - V+)
Off
On
V+
On
Between V- and (-40V - V-)
On
Off
V-
On
Between V+ and (-40V - V-)
Off
On
V-
Off
Between Rails
Off
Off
Follows the load
terminal voltage
Table 1. Switch States in Normal and Fault Conditions


Similar Part No. - MAX4632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
More results

Similar Description - MAX4632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com