Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24031-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24031-Q1
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24031-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24031-Q1 Datasheet HTML 2Page - Texas Instruments BQ24031-Q1 Datasheet HTML 3Page - Texas Instruments BQ24031-Q1 Datasheet HTML 4Page - Texas Instruments BQ24031-Q1 Datasheet HTML 5Page - Texas Instruments BQ24031-Q1 Datasheet HTML 6Page - Texas Instruments BQ24031-Q1 Datasheet HTML 7Page - Texas Instruments BQ24031-Q1 Datasheet HTML 8Page - Texas Instruments BQ24031-Q1 Datasheet HTML 9Page - Texas Instruments BQ24031-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
bq24030-Q1
bq24031-Q1
SLUS793B – APRIL 2008 – REVISED OCTOBER 2009.................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0°C
≤ TJ ≤ 125°C) and recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Charge Termination Detection
Charge termination
I(TERM)
VI(BAT) < V(RCH), I(TERM) = (K(SET) × V(TERM))/RSET
10
150
mA
detection range
AC-charge termination
V(TERM-AC)
detection voltage,
VI(BAT) > V(RCH) , PSEL = high, ACPG = low
235
250
265
mV
measured on ISET1
USB-charge termination
VI(BAT) > V(RCH),
V(TAPER-USB)
detection voltage,
95
100
130
mV
PSEL = low or PSEL = high and ACPG = high
measured on ISET1
Deglitch time for
tFALL = 100 ns, 10-mV overdrive,
TDGL(TERM)
22.5
ms
termination detection
ICHG increasing above or decreasing below threshold
Temperature Sense Comparators
VLTF
High voltage threshold
Temperature fault at V(TS) > VLTF
2.465
2.500
2.535
V
VHTF
Low voltage threshold
Temperature fault at V(TS) < VHTF
0.485
0.500
0.515
V
Temperature sense current
ITS
94
100
106
μA
source
Deglitch time for
R(TMR) = 50 kΩ, VI(BAT) increasing or decreasing above
TDGL(TF)
temperature fault
22.5
ms
and below; 100-ns fall time, 10-mV overdrive
detection(14)
Battery Recharge Threshold
Recharge threshold
VO(BAT-REG)
VO(BAT-REG)
VO(BAT-REG)
VRCH
V
voltage
– 0.075
– 0.100
– 0.125
Deglitch time for recharge
R(TMR) = 50 kΩ, VI(BAT) increasing or decreasing below
TDGL(RCH)
22.5
ms
detection(14)
threshold, 100-ns fall time, 10-mV overdrive
STAT1, STAT2. ACPG, USBPG Open-Drain (OD) Outputs(15)
Low-level output saturation
VOL
IOL = 5 mA, External pullup resistor ≥ 1 kΩ required
0.25
V
voltage
ILKG
Input leakage current
1
5
μA
ISET2, CE Inputs
VIL
Low-level input voltage
0
0.4
V
VIH
High-level input voltage
1.4
IIL
Low-level input current, CE
–1
μA
High-level input current,
IIH
1
μA
CE
Low-level input current,
IIL
VISET2 = 0 V
–20
μA
ISET2
High-level input current,
IIH
VISET2 = VCC
40
μA
ISET2
IIL1
Low-level input current
6
1
μA
IIH1
High-level input current
15
μA
t(CE-HLDOFF)
Holdoff time, CE
CE going low only
3.3
6.2
ms
PSEL Input
VIL
Low-level input voltage
Falling high
→low, 280 kΩ ± 10% applied when low
0.975
1
1.025
V
VIH
High-level input voltage
Input RPSEL sets external hysteresis
VIL + 0.01
VIL + 0.024
V
Low-level input current,
IIL
–1
μA
PSEL
High-level input current,
IIH
μA
PSEL
(14) All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
(15) See Charger Sleep mode for ACPG (VCC = VAC) and USBPG (VCC = VUSB) specifications.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24030-Q1 bq24031-Q1


Similar Part No. - BQ24031-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24031 TI-BQ24031 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24031 TI-BQ24031 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24031IRHLRQ1 TI1-BQ24031IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031RHLR TI-BQ24031RHLR Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24031RHLR TI-BQ24031RHLR Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results

Similar Description - BQ24031-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com