Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4661CPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4661CPE
Description  2.5W, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4661CPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4661CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 9Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 10Page - Maxim Integrated Products MAX4661CPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2.5
, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
7
NAME
FUNCTION
MAX4661
1, 16, 9, 8
IN1, IN2,
IN3, IN4
Logic-Control Digital Inputs
2, 15,
10, 7
COM1, COM2,
COM3, COM4
Analog Switch Common Terminals
3, 14, 11, 6
NC1, NC2,
NC3, NC4
Analog Switch Normally Closed Terminals
4
V-
Negative Analog Supply-Voltage Input. Connect to GND for single-
supply operation.
NC2, NC3
Analog Switch Normally Closed Terminals
NO1, NO4
Analog Switch Normally Open Terminals
NO1, NO2,
NO3, NO4
Analog Switch Normally Open Terminals
13
V+
Positive Analog Supply Input
12
VL
Logic-Supply Input
5
GND
Ground
Pin Description
MAX4662
1, 16, 9, 8
2, 15,
10, 7
4
3, 14, 11, 6
13
12
5
MAX4663
1, 16, 9, 8
PIN
2, 15,
10, 7
4
14, 11
3, 6
13
12
5
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small-signal diodes (D1, D2)
in series with the supply pins and a Schottky diode
between V+ and VL for overvoltage protection (Figure
1). Adding diodes reduces the analog signal range to
one diode drop below V+ and one diode drop above V-,
but does not affect the devices’ low switch resistance
and low leakage characteristics. Device operation is
unchanged, and the difference between V+ and V-
should not exceed 44V.
Off-Isolation at High Frequencies
In 50
Ω systems, the high-frequency on-response of
these parts extends from DC to above 100MHz with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor and off-isolation
decreases with increasing frequency. (Above 300MHz,
the switch actually passes more signal turned off than
turned on.) This effect is more pronounced with higher
source and load impedances.
Above 5MHz, circuit board layout becomes critical and
it becomes difficult to characterize the response of the
switch independent of the circuit. The graphs shown in
the
Typical Operating Characteristics were taken using
a 50
Ω source and load connected with BNC connec-
tors to a circuit board deemed “average”; that is,
designed with isolation in mind, but not using stripline
or other special RF circuit techniques. For critical appli-
cations above 5MHz, use the MAX440, MAX441, and
MAX442, which are fully characterized up to 160MHz.
COM_
V-
V+
VL
NO_
* INTERNAL PROTECTION DIODES
D2
D1
-15V
+15V
MAX4661
MAX4662
MAX4663
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking
Diodes


Similar Part No. - MAX4661CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4661CPE MAXIM-MAX4661CPE Datasheet
165Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4661CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4662CAE-T MAXIM-MAX4662CAE-T Datasheet
165Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com