Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4616EUD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4616EUD
Description  Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4616EUD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4616EUD Datasheet HTML 4Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 5Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 6Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 7Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 8Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 9Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 10Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 11Page - Maxim Integrated Products MAX4616EUD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Voltage, High-Speed, Quad, SPST
CMOS Analog Switches
10
______________________________________________________________________________________
CAPACITANCE
METER
NO_, NC_
COM_
GND
IN_
10nF
V+
f = 1MHz
V+
MAX4614
MAX4615
MAX4616
VINL OR
VINH
Figure 6. Channel Off/On-Capacitance
Test Circuits/Timing Diagrams
(continued)
Ordering Information (continued)
PART
MAX4615CUD
MAX4615EPD
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 TSSOP
14 Plastic DIP
MAX4615CSD
MAX4615CPD
0°C to +70°C
0°C to +70°C
14 Narrow SO
14 Plastic DIP
MAX4615ESD
-40°C to +85°C
14 Narrow SO
MAX4615EUD
-40°C to +85°C
14 TSSOP
MAX4616CUD
MAX4616EPD
-40°C to +85°C
0°C to +70°C
14 TSSOP
14 Plastic DIP
MAX4616CSD
MAX4616CPD
0°C to +70°C
0°C to +70°C
14 Narrow SO
14 Plastic DIP
MAX4616ESD
-40°C to +85°C
14 Narrow SO
MAX4616EUD
-40°C to +85°C
14 TSSOP
TRANSISTOR COUNT: 89
Chip Information


Similar Part No. - MAX4616EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610ASD MAXIM-MAX4610ASD Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610ASD MAXIM-MAX4610ASD Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results

Similar Description - MAX4616EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
logo
National Semiconductor ...
LMC13334 NSC-LMC13334 Datasheet
244Kb / 7P
   Quad SPST High Voltage CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com