Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-100S245ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-100S245ST
Description  100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-100S245ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-100S245ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-100S245ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-100S245ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
TRC-100 Series–Fixed Output and Dimmable
100W Switch Mode Constant Current LED Drivers,
Damp & Wet Location Rated
Electrical Specifications
Input Voltage Range:
100-277 Nom. Vac (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 75-100% load, 100-277V
Input Current:
1.30 A @ 100 Vac
Inrush Current:
65 A @ 230Vac 25º Cold Start
Maximum Power:
100W
THD:
<_ 20% @ 75-100% load, 100-277V
Line Regulation:
± 1%
Load Regulation:
± 3%
Leakage Current:
1 mA @ 277Vac
Typical Efficiency:
90-91% typical @ maximum load
Turn-on Time Delay:
2.0S max @ 120V, 1.2S max @ 220V
Protection:
Over-Voltage, Over-Current, Over-Temperature (100ºC),
Output Short Circuit Protection with Self Recovery
Environmental Specifications
Minimum Starting Temp: -35ºC
Maximum Case Temp.
ST: 90°C, DT: 89.5°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
10% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
250,000 Hours @ 120Vac, 80% load, 25ºCambient,
per MIL-HDBK-217F
Lifetime:
75,000 Hours @ 220Vac, 80% load, 25ºC
Weight:
2.20 lbs (1000g)
E332160
Output current is adjustable at the factory from 50-100%
Dimming - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRC-100S035DT
350
172-286
100
91%
TRC-100S045DT
450
132-222
100
91%
TRC-100S070DT
700
86-143
100
90.5%
TRC-100S105DT
1050
57-95
100
90.5%
TRC-100S140DT
1400
43-71
100
90.5%
TRC-100S175DT
1750
34-57
100
90.5%
TRC-100S210DT
2100
29-48
100
90.5%
TRC-100S245DT
2450
25-41
100
90.5%
TRC-100S280DT
2800
22-36
100
90%
TRC-100S315DT
3150
19-32
100
90%
TRC-100S357DT
3570
17-28
100
90%
TRC-100S420DT
4200
14-24
100
90%
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRC-100S035ST
350
172-286
100
92%
TRC-100S045ST
450
132-222
100
92%
TRC-100S070ST
700
86-143
100
91%
TRC-100S105ST
1050
57-95
100
91%
TRC-100S140ST
1400
43-71
100
91%
TRC-100S175ST
1750
34-57
100
91%
TRC-100S210ST
2100
29-48
100
91%
TRC-100S245ST
2450
25-41
100
91%
TRC-100S280ST
2800
22-36
100
90%
TRC-100S315ST
3150
19-32
100
90%
TRC-100S357ST
3570
17-28
100
90%
TRC-100S420ST
4200
14-24
100
90%
• Total Power: 100 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• Ultra-high Efficiency
• High Power Factor with Active Correction
• Output and Lightning Protection
Rev 9-1-15


Similar Part No. - TRC-100S245ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
TRC-120S035ST ETC2-TRC-120S035ST Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
TRC-120S045DT ETC2-TRC-120S045DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
TRC-120S045ST ETC2-TRC-120S045ST Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
TRC-120S070DT ETC2-TRC-120S070DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
More results

Similar Description - TRC-100S245ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com