Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4651ESE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4651ESE
Description  Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4651ESE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4651ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 11Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 12Page - Maxim Integrated Products MAX4651ESE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Low-Voltage, 4
Ω, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
9
tr < 5ns
tf < 5ns
50%
0
LOGIC
INPUT
RL
300
NO_
OR NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
VIH + 0.5
tOFF
0
COM_
SWITCH
OUTPUT
90%
90%
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VO
VCOM_
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE Electrical Characteristics.
MAX4651
MAX4652
MAX4653
Figure 2. Switching-Time Test Circuit
VGEN
GND
NC_
OR NO_
CL
VO
V+
VO
VIN
OFF
ON
OFF
∆V
O
Q = (
∆V
O)(CL)
COM_
VIN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
VIN
VIN
V+
RGEN
IN_
MAX4651
MAX4652
MAX4653
Figure 3. Charge-Injection Test Circuit
Timing Diagrams/Test Circuits


Similar Part No. - MAX4651ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX465 MAXIM-MAX465 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4655 MAXIM-MAX4655 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results

Similar Description - MAX4651ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com