Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-040S140PS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRC-040S140PS
Description  40W Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-040S140PS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRC-040S140PS Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-040S140PS Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-040S140PS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
OUTPUT
Red (+)
Black (-)
INPUT
White (N)
Black (L)
Dimming
Yellow (10V out)
Purple (0-10V in)
Green (GND)
WIRE SPECS:
AC Input: #18AWG
DC Output: #18AWG
Dimming Control: #26AWG
2.76 [70.0]
10.63±0.79 [270±20]
7.87±0.79 [200±20]
0.39 [10.0]
0.14 [3.6]
0.2 [5.0]
1.18 [30.0]
1.18 [30.0]
1.26 [32.0]
Safety and EMC Compliance
CUL
CE
UL 8750
EN 61347-1, EN61347-2-13
EN 55015
Conducted emission
EN 61000-3-2 Harmonic current emissions
EN 61000-3-3 Voltage fluctuations and flicker
EN 61000-4-2 Electrostatic discharge
EN 61000-4-3 RFE Field Susceptibility test
EN 61000-4-4 Electrical Fast Transient
EN 61000-4-6 Conducted Radio Frequency
EN 61000-4-8 Power Frequency Magnetic Field Test
EN 61000-4-11 Voltage Dips
EN 61547
Electromagnetic Immunity
Derating Curve
100
80
60
40
20
0
Ambient Temperature (°C)
-20
-5
10
25
40
55
70
Derating Curve
100
80
60
40
20
0
Input Voltage (V)
90
120
150
180
210
240
270
300
330
TRC-040 Series
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.50
0.55
0.70
0.65
0.60
0.75
0.90
0.85
0.80
0.95
1.00
0%
15%
10%
5%
20%
25%
Typical Efficiency / Load
75%
70%
80%
85%
90%
100%
95%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
277Vac


Similar Part No. - TRC-040S140PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S062DS ETC2-TRC-025S062DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRC-040S140PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com