Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLEDDC150W-053 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLEDDC150W-053
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLEDDC150W-053 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLEDDC150W-053 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLEDDC150W-053 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLEDDC150W-053 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLEDDC150W-053 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
PWM In
PWM Positive Dimming Typical Circuit
PLEDDC150W-xxx-Cxxxx-PD
PWM (+) Purple
Return (-) Gray
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0V
10V
+15V
Input LOW Level Voltage Range (Purple Wire)
-2.0
0V
+5.5V
Input HIGH Level Voltage Range (Purple Wire)
+9.0
10V
+15V
Current into PWM Input (Purple Wire)
0mA
1.2mA
Source Current out of PWM Input (Purple Wire)
0mA
2mA
PWM Input Signal Frequency
500Hz
1500Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
Notes:
1. PWM Dimmable version comes with an extra 2 wires +Purple/-Gray on the output side.
2. Below 10% Duty cycle proper dimming operation is not assured. Unit is not intended to turn off at <10% Duty Cycle.
"-PD" Option: PWM Dimming
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / 1.0 kHz Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
PLEDDC150W Series


Similar Part No. - PLEDDC150W-053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-024 ETC2-PLEDDC120W-024 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-024-C5000-XX ETC2-PLEDDC120W-024-C5000-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-028 ETC2-PLEDDC120W-028 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-028-C4200-XX ETC2-PLEDDC120W-028-C4200-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-034 ETC2-PLEDDC120W-034 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
More results

Similar Description - PLEDDC150W-053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com