Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4619CUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4619CUE
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4619CUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4619CUE Datasheet HTML 1Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 2Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 3Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 4Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 5Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 6Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 7Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 8Page - Maxim Integrated Products MAX4619CUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
________________General Description
The MAX4617/MAX4618/MAX4619 are high-speed, low-
voltage, CMOS analog ICs configured as an 8-channel
multiplexer (MAX4617), two 4-channel multiplexers
(MAX4618), and three single-pole/double-throw (SPDT)
switches (MAX4619).
These CMOS devices can operate continuously with a
+2V to +5.5V single supply. Each switch can handle
Rail-to-Rail® analog signals. The off-leakage current is
only 1nA at TA = +25°C and 10nA at TA = +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply.
________________________Applications
Battery-Operated Equipment
Audio/Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
____________________________Features
o Fast Switching Times
15ns tON
10ns tOFF
o Pin Compatible with Industry-Standard
74HC4051/74HC4052/74HC4053 and
MAX4581/MAX4582/MAX4583
o Guaranteed On-Resistance
10
Ω max (+5V Supply)
20
Ω max (+3V Supply)
o Guaranteed 1
Ω On-Resistance Match Between
Channels (single +5V supply)
o Guaranteed Low Off-Leakage Current:
1nA at +25°C
o Guaranteed Low On-Leakage Current:
1nA at +25°C
o +2V to +5.5V Single-Supply Operation
o TTL/CMOS-Logic Compatible
o Low Crosstalk: <-96dB
o High Off-Isolation: <-93dB
o Low Distortion: <0.017% (600
Ω)
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
ENABLE
N.C.
GND
TOP VIEW
MAX4617
DIP/SO/TSSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
ENABLE
N.C.
GND
MAX4619
DIP/SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X
X0
X3
A
B
Y0
Y2
Y
Y3
Y1
ENABLE
N.C.
GND
MAX4618
DIP/SO/TSSOP
LOGIC
____________________________________Pin Configurations/Functional Diagrams
19-1502; Rev 0; 7/99
_______________Ordering Information
Ordering Information continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
16 Plastic DIP
16 Narrow SO
16 TSSOP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX4617CPE
MAX4617CSE
MAX4617CUE
PART


Similar Part No. - MAX4619CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4619CUE+T MAXIM-MAX4619CUE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4619CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com