Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-040S035PS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRC-040S035PS
Description  40W Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-040S035PS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRC-040S035PS Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-040S035PS Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-040S035PS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimming Control Details
Notes:
1. For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold
(approx. 33% of the max. output voltage for any given model).
2. If the dimming voltage is varied from 10V down to 0V, the output current can be varied from 100% Io down to 20-30% Io.
3. Do not connect the GND of dimming to V(-) or earth ground; otherwise the LED driver will not work properly.
4. If dimming is not required, connect yellow and purple leads together to get full current output (100%).
5. It is permissible to parallel driver outputs to achieve higher output currents. However, when doing so, it is not permissible to connect
dimming control leads in parallel.
6. It is permissible to connect dimming control leads of multiple drivers in parallel to allow them to operate from a single 0-10V control.
However, when doing so, it is not permissible to interconnect output leads (red and black) across drivers.
Parameters
Minimum
Typical
Maximum
10V output voltage
9.8 V
10 V
10.2 V
10V output source current
-10 mA
2 mA
Absolute maximum voltage on the 0-10V input pin
-2 V
15 V
Source current on 0-10V input pin
0 mA
1 mA
The dimmer control is operated from either a potentiometer or from an input signal of 1 – 10 Vdc.
Recommended implementations are provided below.
Option 1 - Potentiometer Control
20K
1-10V Input (Purple)
GND (Green)
10V Output (Yellow)
1-10V Input (Purple)
GND (Green)
1-10Vdc V
Option 2 - DC Input
TRC-040SxxxDS
TRC-040SxxxDS
Vdim (V)
Output Current / Potentiometer
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
9
8
10
Vdim (V)
Output Current / Dimming Voltage
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
9
8
10
TRC-040 Series


Similar Part No. - TRC-040S035PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S062DS ETC2-TRC-025S062DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRC-040S035PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com