Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLEDDC200W-024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLEDDC200W-024
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLEDDC200W-024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLEDDC200W-024 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLEDDC200W-024 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLEDDC200W-024 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLEDDC200W-024 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Constant Current Versions - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max Output
Power (W)
Typical
Efficiency
PLEDDC200W-445-C0450-XX
450
149-445
200W
92%
PLEDDC200W-285-C0700-XX
700
95-285
200W
92%
PLEDDC200W-190-C1050-XX
1050
64-190
200W
91%
PLEDDC200W-142-C1400-XX
1400
48-142
200W
91%
PLEDDC200W-114-C1750-XX
1750
38-114
200W
91%
PLEDDC200W-095-C2100-XX
2100
32-95
200W
91%
PLEDDC200W-081-C2450-XX
2450
27-81
200W
90%
PLEDDC200W-071-C2800-XX
2800
24-71
200W
90%
PLEDDC200W-063-C3150-XX
3150
21-63
200W
90%
PLEDDC200W-057-C3500-XX
3500
19-57
200W
90%
PLEDDC200W-047-C4200-XX
4200
16-47
200W
89%
PLEDDC200W-040-C4900-XX
4900
14-40
200W
89%
PLEDDC200W-035-C5600-XX
5600
12-35
200W
89%
PLEDDC200W-032-C6300-XX
6300
11-32
200W
88%
PLEDDC200W-024-C8330-XX
8330
8-24
200W
88%
Constant Voltage Versions - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max Output
Power (W)
Typical
Efficiency
PLEDDC200W-024
24
2083-8330
200W
88%
PLEDDC200W-032
32
1575-6300
200W
88%
PLEDDC200W-035
35
1400-5600
200W
89%
PLEDDC200W-040
40
1225-4900
200W
89%
PLEDDC200W-047
47
1050-4200
200W
89%
PLEDDC200W-057
57
875-3500
200W
90%
PLEDDC200W-063
63
788-3150
200W
90%
PLEDDC200W-071
71
700-2800
200W
90%
PLEDDC200W-081
81
613-2450
200W
90%
PLEDDC200W-095
95
525-2100
200W
91%
PLEDDC200W-114
114
438-1750
200W
91%
PLEDDC200W-142
142
350-1400
200W
91%
PLEDDC200W-190
190
163-1050
200W
91%
PLEDDC200W-285
285
175-700
200W
92%
PLEDDC200W-445
445
113-450
200W
92%
-XX indicates dimming options are available. See options at left. Blank = fixed current output
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max),
108-250 Vdc
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ > 70% load, 120-277V
Inrush Current:
<30 Amps max @ 277Vac, cold start, full load
Input Current:
0.96 Amps max @ 230Vac, 1.82 A max @ 120Vac
Maximum Power:
200W
Current Regulation:
± 3% Over input line variation
Load Regulation:
± 4%
THD:
<_ 20% @ > 70% load, 120-277V
Ripple & Noise:
(Vpk-pk)
5% Vo max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μF Electrolytic
Ripple:
(Ipk-pk)
5% Io max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μFElectrolytic.
120 Hz component (Flicker Free)
Start-up Time:
150mS typical @ Full Load, 120Vac/60Hz (1000mS max)
Leakage Current:
0.68 mA max @ 120Vac, 0.75 mA max @ 277Vac
Hold Up Time:
30mS typical @ Full Load, 277Vac
Protection:
Over-Voltage, Over-Current, and Short Circuit
(reset by power cycling)
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
280,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Impact Resistance:
1g/s
Weight:
33.2 oz (940 grams)
Rev 8-26-15
Ordering Options:
-D:
0-10V & Resistance dimmable models dim 100-10%. Two extra wires on the output
side (+Purple/-Gray). Compatible with most quality 0-10V wall dimmers. See page 3.
-PD: PWM Dimmable models. Two extra wires on the output side(+Purple/-Gray). Dims
via positive 10% to 100% Duty Cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
E332160
Sign Components Manual
PLEDDC-200W Series, Fixed Output & Dimmable
AC or DC Input
Flicker-Free LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
• Total Power: 200 Watts
• Input Voltage: 100-277 Vac Nom. or 108-250 Vdc
• UL Dry & Damp Location Rated
• IP66 & NEMA6
• High Power Factor
• UL Type HL Rated for Hazardous Locations


Similar Part No. - PLEDDC200W-024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-024 ETC2-PLEDDC120W-024 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-024-C5000-XX ETC2-PLEDDC120W-024-C5000-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-028 ETC2-PLEDDC120W-028 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-028-C4200-XX ETC2-PLEDDC120W-028-C4200-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLEDDC120W-034 ETC2-PLEDDC120W-034 Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
More results

Similar Description - PLEDDC200W-024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com