Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4641EGA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4641EGA
Description  High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4641EGA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4641EGA Datasheet HTML 2Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 3Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 4Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 5Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 6Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 7Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 8Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 9Page - Maxim Integrated Products MAX4641EGA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
High-Speed, Low-Voltage, 4
Ω, Dual SPST
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = +5V or +3V, VINH = V+, VINL = GND, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
MAX4641
1, 5
NO1, NO2
Analog Switch Normally Open Terminals
NC1, NC2
Analog Switch Normally Closed Terminals
NO1
Analog Switch Normally Open Terminal
4
GND
Ground
3, 7
IN2, IN1
Logic-Controlled Inputs
2, 6
COM1, COM2
Analog Switch Common Terminals
NC2
Analog Switch Normally Closed Terminal
8
V+
Positive Supply Input. Bypass with a 0.1µF capacitor to GND.
Pin Description
0
0.01
0.1
1
10
100
1000
-10
-40
-50
-30
-20
-60
-70
-80
-90
-100
FREQUENCY RESPONSE
FREQUENCY (MHz)
OFF-ISOLATION
ON-LOSS
V+ = 5V
0
0.01
1
10
0.1
100
FREQUENCY (MHz)
-100
-80
-60
-40
-20
CROSSTALK vs. FREQUENCY
0.05
0.01
1
10
0.1
100
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
0
0.01
0.02
0.03
0.04
V+ = 5V
MAX4643
PIN
1
4
3, 7
2, 6
5
8
MAX4642
1, 5
4
3, 7
2, 6
8
Note: NO_, NC_, and COM_ pins are identical and interchangeable. Signals can be passed through either side of these bidirectional
switches. However, the typical off-capacitances differ, as shown in the Electrical Characteristics.


Similar Part No. - MAX4641EGA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX464 MAXIM-MAX464 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA MAXIM-MAX4644EUA Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA+T MAXIM-MAX4644EUA+T Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
MAX4644EUT+T MAXIM-MAX4644EUT+T Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
More results

Similar Description - MAX4641EGA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4614 MAXIM-MAX4614 Datasheet
167Kb / 12P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Rev 0; 7/99
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com