Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED40W-09-C4450-HL-XY Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED40W-09-C4450-HL-XY
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-09-C4450-HL-XY Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED40W-09-C4450-HL-XY Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-09-C4450-HL-XY Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-09-C4450-HL-XY Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-09-C4450-HL-XY Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - Inches (mm)
Standard “-BY” Bottom Leads Configuration:
“-SY” Optional Side Leads Configuration:
0.39±0.04 [10±1]
0.39 [10]
3.78 [96]
1.89 [48]
Tc = 90°C max
0.39±0.04 [10±1]
0.2 [5]
0.14 [3.6]
0.39 [10]
3.78 [96]
1.89 [48]
Tc = 90°C max
0.2 [5]
0.14 [3.6]
AC IN
White (N)
Black (L)
Dimming
Purple (+)
Gray (-)
DC OUT
Red (+)
Blue (-)
AC IN
White (N)
Black (L)
Dimming
Purple (+)
Gray (-)
DC OUT
Red (+)
Blue (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
50%
Load
Power Factor / Load (LED40W Rev E1.1 models)
60%
70%
80%
90%
100%
50%
Load
THD / Load (LED40W Rev E1.1 models)
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.50
0.55
0.70
0.65
0.60
0.75
0.90
0.85
0.80
0.95
1.00
0%
15%
10%
5%
20%
25%
Typical Efficiency / Load
(LED40W Rev E1.1)
75%
70%
80%
85%
90%
100%
95%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
277Vac
45
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
(LED40W Rev E1.1)
0
60
90
115
75
15
30
45
130
50
55
60
65
70
75
80
85
90
UL Conditions of Acceptability
See website for additional information
Safety and EMC Compliance
UL/CUL
UL8750 Type HL, CSA-C22.2
C E
EN61347
FCC, 47CFR Part 15 Class B
LED40W-HL Series
Note:
Life calculations are based on reliability with
confidence using a 90% confidence level and
<5% failure rate. At a confidence level of 90% it is
expected that <5% of the parts will fail at the rated
life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)


Similar Part No. - LED40W-09-C4450-HL-XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-009 ETC2-LED40W-009 Datasheet
852Kb / 3P
   Switch Mode LED Drivers
LED40W-009-C4450 ETC2-LED40W-009-C4450 Datasheet
852Kb / 3P
   Switch Mode LED Drivers
LED40W-009-C4450-HL-XY-HV ETC2-LED40W-009-C4450-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
LED40W-009-C4450-XX-HV ETC2-LED40W-009-C4450-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
LED40W-009-HL-X-HV ETC2-LED40W-009-HL-X-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
More results

Similar Description - LED40W-09-C4450-HL-XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com