Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED40W-013-C3080-XX-HV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED40W-013-C3080-XX-HV
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-013-C3080-XX-HV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED40W-013-C3080-XX-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-013-C3080-XX-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-013-C3080-XX-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-013-C3080-XX-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Ordering Options:
-D:
2-wire dimmable model dims 100% to 10%. Two extra wires included on the output side:
+Purple/-Gray. This model is offers 0-10V & Resistance dimming, compatible with most
quality 0-10V dimmers. See page 3.
-D3: 3-wire dimmable model dims 100% to 10%. Three extra wires included on the output side:
Yellow/Purple/Gray. This model is suitable for potentiometer dimming. See page 3.
-PD: PWM dimmable version dims 100% to 10%. Two extra wires included on the output side:
+Purple/-Gray. This model is PWM Dimmable via a positive duty cycle, 200Hz to 1KHz,
0-10V Pulse. See page 4.
LED-40W-HV Series–
High Voltage Input, Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Electrical Specifications
Input Voltage Range:
347-480 Vac Nom. (312-528 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ >60% load 347V, >80% load 480V
Inrush Current:
<30.0 Amps max @ 480Vac, full load, cold start 25ºC
Input Current:
0.14 Amps typical @ 347Vac, 60 Hz, full load
Maximum Power:
40W
Current Accuracy:
± 3% Over input line variation
Load Regulation:
± 4%
THD:
<_ 20% @ any load, 347V/480V
Leakage Current:
600 µA Typical
Hold Up Time:
Half Cycle
Output Protection:
Over-Voltage, Over-Current, Short Circuit (Auto Recovery)
Environmental Specifications
Maximum Case Temp.
90°C
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF @ 40ºC:
482,000 Hours at full load, per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
11 oz. (311 grams)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max Output
Power (W)
Typical
Efficiency
LED40W-130-C0300-XX-HV
300
44-130
39.0
87%
LED40W-114-C0350-XX-HV
350
38-114
39.9
86%
LED40W-100-C0400-XX-HV
400
33-100
40
86%
LED40W-089-C0450-XX-HV
450
30-89
40
86%
LED40W-072-C0550-XX-HV
550
24-72
39.6
85%
LED40W-057-C0700-XX-HV
700
20-57
40
85%
LED40W-048-C0830-XX-HV
830
16-48
39.8
85%
LED40W-045-C0900-XX-HV
900
16-45
40
85%
LED40W-040-C1000-XX-HV
1000
13-40
40
85%
LED40W-036-C1100-XX-HV
1100
12-36
39.6
85%
LED40W-030-C1400-XX-HV
1400
10-30
42
85%
LED40W-024-C1670-XX-HV
1670
8-24
40
85%
LED40W-022-C1820-XX-HV
1820
7-22
40
85%
LED40W-018-C2200-XX-HV
2200
6-18
39.6
84%
LED40W-015-C2680-XX-HV
2680
5-15
40
84%
LED40W-013-C3080-XX-HV
3080
4-13
40
84%
LED40W-012-C3330-XX-HV
3330
4-12
40
83%
LED40W-010-C4000-XX-HV
4000
3-10
40
83%
LED40W-009-C4450-XX-HV
4450
3-9
40
82%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max Output
Power (W)
Max
Efficiency
LED40W-009-HV
9
1113-4450
40
80%
LED40W-010-HV
10
1000-4000
40
81%
LED40W-012-HV
12
825-3330
40
81%
LED40W-013-HV
13
770-3080
40
81%
LED40W-015-HV
15
670-2680
40
81%
LED40W-018-HV
18
550-2200
39.6
81%
LED40W-022-HV
22
455-1820
40
82%
LED40W-024-HV
24
418-1670
40
82%
LED40W-030-HV
30
350-1400
42
82%
LED40W-036-HV
36
275-1100
39.6
82%
LED40W-040-HV
40
250-1000
40
82%
LED40W-045-HV
45
225-900
40
83%
LED40W-048-HV
48
208-830
39.8
83%
LED40W-057-HV
57
175-700
40
83%
LED40W-072-HV
72
138-550
39.6
84%
LED40W-089-HV
89
113-450
40
85%
LED40W-100-HV
100
100-400
40
85%
LED40W-114-HV
114
75-350
39.9
86%
LED40W-130-HV
130
75-300
39.0
86%
Class 2:
US/Canada
-XX indicates dimming options are available. See options at left. Blank = fixed current output
E332160
Rev 8-26-15
• Total Power: 40 Watts
• Input Voltage: 347-480 Vac Nom.
• UL Dry & Damp Location Rated
• IP66 & NEMA4
• High Power Factor


Similar Part No. - LED40W-013-C3080-XX-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-013-C3080-HL-XY-HV ETC2-LED40W-013-C3080-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
More results

Similar Description - LED40W-013-C3080-XX-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com