Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED40W-13-C3080-HL-XY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED40W-13-C3080-HL-XY
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-13-C3080-HL-XY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED40W-13-C3080-HL-XY Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-13-C3080-HL-XY Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-13-C3080-HL-XY Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-13-C3080-HL-XY Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-40W HL Series–
Hazardous Location, Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D: Dimmable model dims 100-10%. Two extra wires on the output side: +Purple/-Gray. It offers
0-10V & Resistance dimming, compatible with most quality 0-10V dimmers. See page 3.
-P: PWM dimmable version dims 100-10%. Two extra wires on the output side: +Purple/-Gray.
It is PWM Dimmable via a positive duty cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>_ 0.90 @ >_ 60% load 100-230V, >_ 85% load 277V
Inrush Current:
<20.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.40 Amps typical @ 120Vac, 60Hz, Full Load
Maximum Power:
40W
Current Regulation:
± 3% Over input line variation
Load Regulation:
± 4%
THD:
<_ 20% @ >_ 60% load 100-230V, >_ 80% load 277V
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Output Protection:
Over-Voltage, Over-Current, Short Circuit (Auto Recovery)
plus Internal Thermal Protection (Hiccup Mode)
Environmental Specifications
Minimum Starting Temp: -30º
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
Impact Resistanct:
1g/s
MTBF:
482,000 Hrs @ full load, 40ºC per MIL-217F Notice 2
Weight:
12.9 oz (364 g)
Constant Current - Product Specifications
Model Number
Current Out
(mA ±3%)
Voltage Out,
Range (Vdc)
Power Out
Max (W)
Typical
Effic (%)
LED40W-130-C0300-HL-XY
300
44-130
40
87
LED40W-114-C0350-HL-XY
350
38-114
40
86
LED40W-100-C0400-HL-XY
400
33-100
40
86
LED40W-89-C0450-HL-XY
450
30-89
40
86
LED40W-72-C0550-HL-XY
550
24-72
40
85
LED40W-54-C0700-HL-XY
700
18-54
38
85
LED40W-48-C0830-HL-XY
830
16-48
40
85
LED40W-45-C0900-HL-XY
900
16-45
40
85
LED40W-40-C1000-HL-XY
1000
13-40
40
85
LED40W-36-C1100-HL-XY
1100
12-36
40
85
LED40W-30-C1400-HL-XY
1400
10-30
42
85
LED40W-24-C1670-HL-XY
1670
8-24
40
85
LED40W-22-C1820-HL-XY
1820
7-22
40
85
LED40W-18-C2220-HL-XY
2200
6-18
40
84
LED40W-15-C2680-HL-XY
2680
5-15
40
84
LED40W-13-C3080-HL-XY
3080
4-13
40
84
LED40W-12-C3330-HL-XY
3330
4-12
40
83
LED40W-10-C4000-HL-XY
4000
3-10
40
83
LED40W-09-C4450-HL-XY
4450
3-9
40
82
Constant Voltage - Product Specifications
Model Number
Voltage Out
(Vdc ±5%)
Current Out
Range (mA)
Power Out
Max (W)
Typical
Effic (%)
LED40W-09-HL-X
9
1113-4450
40
87
LED40W-10-HL-X
10
1000-4000
40
86
LED40W-12-HL-X
12
825-3330
40
86
LED40W-13-HL-X
13
770-3080
40
86
LED40W-15-HL-X
15
670-2680
40
85
LED40W-18-HL-X
18
550-2200
40
85
LED40W-22-HL-X
22
455-1820
40
85
LED40W-24-HL-X
24
418-1670
40
85
LED40W-30-HL-X
30
350-1400
42
85
LED40W-36-HL-X
36
275-1100
40
85
LED40W-40-HL-X
40
250-1000
40
85
LED40W-45-HL-X
45
225-900
40
85
LED40W-48-HL-X
48
208-830
40
85
LED40W-54-HL-X
54
175-700
38
84
LED40W-72-HL-X
72
138-550
40
84
LED40W-89-HL-X
89
113-450
40
84
LED40W-100-HL-X
100
100-400
40
83
LED40W-114-HL-X
114
75-350
40
83
LED40W-130-HL-X
130
75-300
40
82
Class 2:
US/Canada
US Only
E332160
Sign Components Manual
-X indicates lead options. B for bottom leads, S for side leads.
-Y indicates dimming options are available. See options below. Blank = fixed current output
• Total Power: 40 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL Type HL, with V5A Case
• Rated for Hazardous Locations
Rev 8-25-15


Similar Part No. - LED40W-13-C3080-HL-XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-130-C0300-HL-XY-HV ETC2-LED40W-130-C0300-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
LED40W-130-HL-X-HV ETC2-LED40W-130-HL-X-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
LED40W-130-HV ETC2-LED40W-130-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
More results

Similar Description - LED40W-13-C3080-HL-XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com