Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4649 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4649
Description  45?? SPDT Analog Switch in SOT23-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4649 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4649 Datasheet HTML 1Page - Maxim Integrated Products MAX4649 Datasheet HTML 2Page - Maxim Integrated Products MAX4649 Datasheet HTML 3Page - Maxim Integrated Products MAX4649 Datasheet HTML 4Page - Maxim Integrated Products MAX4649 Datasheet HTML 5Page - Maxim Integrated Products MAX4649 Datasheet HTML 6Page - Maxim Integrated Products MAX4649 Datasheet HTML 7Page - Maxim Integrated Products MAX4649 Datasheet HTML 8Page - Maxim Integrated Products MAX4649 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
30
50
40
70
60
90
80
100
0
5
10
15
VCOM (V)
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
V+ = +12V
V- = 0
TA = +85
°C
TA = -40
°C
TA = +25
°C
0.00001
0.001
0.0001
0.1
0.01
1
10
-40
0
20
-20
40
60
80
ON-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +15V
V- = -15V
VCOM =
±10V
DUAL SUPPLIES
0.001
0.0001
0.1
0.01
1
-40
0
20
-20
406080
OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
DUAL SUPPLIES
V+ = +15V
V- = -15V
VCOM = 10V
VNC OR VNO =
±10V
0
-100
0.1
100
10
1
1000
FREQUENCY RESPONSE
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
-110
ON-RESPONSE
OFF-ISOLATION
CROSSTALK
100
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
SIGNAL DISTORTION
V+ = +15V
V- = -15V
600
Ω SOURCE
AND LOAD
MEASUREMENT LIMITS
5VRMS SIGNAL
10
30
20
60
50
40
90
80
70
100
-40
10
-15
356085
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +15V
V- = -15V
IN = 5V
I+
20
30
40
50
60
70
80
90
100
0
10203040
VCOM (V)
V+ = +9V
V+ = +12V
V+ = +18V
V+ = +36V
V+ = +30V
V+ = +24V
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
10
15
20
25
30
35
40
45
50
-15
-5
-10
0
5
10
15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
VCOM (V)
V+ = +15V
V- = -15V
TA = +85
°C
TA = -40
°C
TA = +25
°C
45
Ω, SPDT Analog Switch in SOT23-8
_______________________________________________________________________________________
5
20
40
30
60
50
80
70
90
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
-20
-10
0
10
20
A: V+ = +8V, V- = -8V
B: V+ = +10V, V- = -10V
C: V+ = +12V, V- = -12V
D: V+ = +15V, V- = -15V
E: V+ = +20V, V- = -20V
A
E
D
C
B
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4649EKA MAXIM-MAX4649EKA Datasheet
62Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 20, 2002
More results

Similar Description - MAX4649

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG449 VISHAY-DG449_11 Datasheet
164Kb / 10P
   High Voltage Single SPDT Analog Switch in SOT23-8
Rev. B, 24-Jan-11
DG449 VISHAY-DG449_V01 Datasheet
168Kb / 10P
   High Voltage Single SPDT Analog Switch in SOT23-8
08-Feb-17
DG449 VISHAY-DG449 Datasheet
150Kb / 9P
   High Voltage Single SPDT Analog Switch in SOT23-8
Rev. A, 22-May-06
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com